Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 4Page - Texas Instruments ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments ESD752 Datasheet HTML 10Page - Texas Instruments ESD752 Datasheet HTML 11Page - Texas Instruments ESD752 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
7 Detailed Description
7.1 Overview
The ESD752 and ESD762 are dual-channel ESD TVS diodes in SOT-23 and SOT-323 (SC-70) leaded packages
which are convenient for automatic optical inspection. This product offers IEC 61000-4-2 ±30-kV or ±20-kV
air-gap, ±30-kV or ±20-kV contact ESD protection respectively, and has a clamp circuit with a back-to-back TVS
diode for bidirectional signal support.
A typical application of this product is the ESD protection for USB-PD slower speed signals (CC1, CC2, SBU1,
SBU2, D+, and D-). The IPP = 5.7 A (8/20 µs surge waveform) capability of the ESD752 makes it suitable for
protecting VBUS. The ESD752 device is also a good fit for protecting industrial IOs requiring 5.7 A or less of
surge current protection. The 3 pF or 1.7 pF line capacitance of these ESD protection diodes are suitable for
USB-PD slower speed signals and industrial IO applications.
7.2 Functional Block Diagram
2
1
3
7.3 Feature Description
The ESD752 and ESD762 are bidirectional TVS diodes with a high ESD protection level. This device protects
the circuit from ESD strikes up to ±30-kV or ±20-kV contact and ±30-kV or ±20-kV air-gap respectively as
specified in the IEC 61000-4-2 standard. The ESD752 and ESD762 can also handle up to 5.7 A or 2.5 A of
surge current (IEC 61000-4-5 8/20 µs) respectively. The I/O capacitance of 3 pF or 1.7 pF (typical) are suitable
for USB power delivery slower speed signals and industrial applications. These clamping devices have a small
dynamic resistance, which makes the clamping voltage low when the device is actively protecting other circuits.
For example, the ESD752 clamping voltage is only 37 V when the device is taking 5.7 A transient current.
The breakdown is bidirectional so these protection devices are a good fit for applications requiring postive and
negative polarity protection. Low leakage allows these diodes to conserve power when working below the VRWM.
The temperature range of −55°C to +150°C makes this ESD device work at extensive temperatures in most
environments. The leaded SOT-23 and SOT-323 (SC-70) packages are good for applications requiring automatic
optical inspection (AOI).
7.3.1 Temperature Range
These devices are qualified to operate from –55°C to +150°C.
7.3.2 IEC 61000-4-5 Surge Protection
The IO pins can withstand surge events up to 5.7 A and 2.5 A (8/20 µs waveform) for the ESD752 and ESD762
respectively. An ESD-surge clamp diverts this current to ground.
7.3.3 IO Capacitance
The capacitance between the I/O pins is 3 pF and 1.7 pF for the ESD752 and ESD762 respectively. These
capacitances are suitable for USB power delivery slower speed signals and industrial applications.
ESD752, ESD762
SLVSGX0B – MAY 2022 – REVISED NOVEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD752 ESD762



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com