Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments ESD752 Datasheet HTML 10Page - Texas Instruments ESD752 Datasheet HTML 11Page - Texas Instruments ESD752 Datasheet HTML 12Page - Texas Instruments ESD752 Datasheet HTML 13Page - Texas Instruments ESD752 Datasheet HTML 14Page - Texas Instruments ESD752 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
8.2.2 Detailed Design Procedure
The ESD752 and ESD762 has a VRWM of ± 24 V to prevent the diode from being damaged during a short event
that can occur when one of the USB-PD slower speed lines (CC1, CC2, SBU1, SBU2, D+, and D-) is shorted to
VBUS. The bidirectional characteristic protects both positive and negative polarity. The low 1.7 pF capacitance of
the ESD762 device enables data rates up to 480 Mbps, which allows the designer to meet the requirements for
the D+ and D- signals. The ESD752 has an IPP = 5.7 A (8/20 µs) surge current capability making it suitable for
protecting the VBUS power rail.
8.2.3 Application Curves
Figure 8-2. +8-kV Clamped IEC Waveform
Figure 8-3. −8-kV Clamped IEC Waveform
9 Power Supply Recommendations
These are passive TVS diode-based ESD protection devices; therefore, there is no requirement to power it.
Ensure that the maximum voltage specifications for each pin are not violated.
www.ti.com
ESD752, ESD762
SLVSGX0B – MAY 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ESD752 ESD762



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com