Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments ESD752 Datasheet HTML 10Page - Texas Instruments ESD752 Datasheet HTML 11Page - Texas Instruments ESD752 Datasheet HTML 12Page - Texas Instruments ESD752 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
7.3.4 Dynamic Resistance
The IO pins feature an ESD clamp that has a low RDYN of 0.35 Ω for the ESD752 device, and 0.57 Ω for the
ESD762 device, which prevents system damage during ESD events.
7.3.5 DC Breakdown Voltage
The DC breakdown voltage between the IO pins is a minimum of ± 25.5 V. This protects sensitive equipment is
protected from surges above the reverse standoff voltage of ± 24 V.
7.3.6 Ultra Low Leakage Current
The IO pins feature an ultra-low leakage current of 50 nA (maximum) with a bias of ± 24 V.
7.3.7 Clamping Voltage
The IO pins feature an ESD clamp that is capable of clamping the voltage to 37 V (IPP = 5.7 A for 8/20 μs surge
waveform), 35 V (IPP = 16 A for TLP), 36 V (IPP = 2.5 A for 8/20 μs surge waveform), and 38 V (IPP = 16 A for
TLP) for the ESD752 and ESD762, respectively.
7.3.8 Industry Standard Leaded Packages
These devices feature industry standard SOT-23 (DBZ) and SC-70 (DCK) leaded packages for automatic optical
inspection (AOI).
7.4 Device Functional Modes
The ESD752 and ESD762 are dual channel passive clamp devices that have low leakage during normal
operation when the voltage between IO and GND is below VRWM, and activate when the voltage between IO and
GND goes above VBR. During IEC 61000-4-2 ESD events, transient voltages as high as ±30 kV can be clamped
on either channel. When the voltages on the protected lines fall below the VHOLD, the device reverts back to the
low leakage passive state.
www.ti.com
ESD752, ESD762
SLVSGX0B – MAY 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ESD752 ESD762



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com