Electronic Components Datasheet Search
  English  ▼

X  

ACEX1K Datasheet(PDF) 67 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 67 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 63Page - Altera Corporation ACEX1K Datasheet HTML 64Page - Altera Corporation ACEX1K Datasheet HTML 65Page - Altera Corporation ACEX1K Datasheet HTML 66Page - Altera Corporation ACEX1K Datasheet HTML 67Page - Altera Corporation ACEX1K Datasheet HTML 68Page - Altera Corporation ACEX1K Datasheet HTML 69Page - Altera Corporation ACEX1K Datasheet HTML 70Page - Altera Corporation ACEX1K Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
Altera Corporation
67
ACEX 1K Programmable Logic Device Family Data Sheet
13
Table 39. EP1K30 Device EAB Internal Microparameters
Note (1)
Symbol
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
tEABDATA1
1.7
2.0
2.3
ns
tEABDATA1
0.6
0.7
0.8
ns
tEABWE1
1.1
1.3
1.4
ns
tEABWE2
0.4
0.4
0.5
ns
tEABRE1
0.8
0.9
1.0
ns
tEABRE2
0.4
0.4
0.5
ns
tEABCLK
0.0
0.0
0.0
ns
tEABCO
0.3
0.3
0.4
ns
tEABBYPASS
0.5
0.6
0.7
ns
tEABSU
0.9
1.0
1.2
ns
tEABH
0.4
0.4
0.5
ns
tEABCLR
0.3
0.3
0.3
ns
tAA
3.2
3.8
4.4
ns
tWP
2.5
2.9
3.3
ns
tRP
0.9
1.1
1.2
ns
tWDSU
0.9
1.0
1.1
ns
tWDH
0.1
0.1
0.1
ns
tWASU
1.7
2.0
2.3
ns
tWAH
1.8
2.1
2.4
ns
tRASU
3.1
3.7
4.2
ns
tRAH
0.2
0.2
0.2
ns
tWO
2.5
2.9
3.3
ns
tDD
2.5
2.9
3.3
ns
tEABOUT
0.5
0.6
0.7
ns
tEABCH
1.5
2.0
2.3
ns
tEABCL
2.5
2.9
3.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com