Electronic Components Datasheet Search
  English  ▼

X  

ACEX1K Datasheet(PDF) 31 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 31 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 27Page - Altera Corporation ACEX1K Datasheet HTML 28Page - Altera Corporation ACEX1K Datasheet HTML 29Page - Altera Corporation ACEX1K Datasheet HTML 30Page - Altera Corporation ACEX1K Datasheet HTML 31Page - Altera Corporation ACEX1K Datasheet HTML 32Page - Altera Corporation ACEX1K Datasheet HTML 33Page - Altera Corporation ACEX1K Datasheet HTML 34Page - Altera Corporation ACEX1K Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
Altera Corporation
31
ACEX 1K Programmable Logic Device Family Data Sheet
13
On all ACEX 1K devices, the input path from the I/O pad to the FastTrack
Interconnect has a programmable delay element that can be used to
guarantee a zero hold time. Depending on the placement of the IOE
relative to what it is driving, the designer may choose to turn on the
programmable delay to ensure a zero hold time or turn it off to minimize
setup time. This feature is used to reduce setup time for complex pin-to-
register paths (e.g., PCI designs).
Each IOE selects the clock, clear, clock enable, and output enable controls
from a network of I/O control signals called the peripheral control bus.
The peripheral control bus uses high-speed drivers to minimize signal
skew across devices and provides up to 12 peripheral control signals that
can be allocated as follows:
I
Up to eight output enable signals
I
Up to six clock enable signals
I
Up to two clock signals
I
Up to two clear signals
If more than six clock-enable or eight output-enable signals are required,
each IOE on the device can be controlled by clock enable and output
enable signals driven by specific LEs. In addition to the two clock signals
available on the peripheral control bus, each IOE can use one of two
dedicated clock pins. Each peripheral control signal can be driven by any
of the dedicated input pins or the first LE of each LAB in a particular row.
In addition, a LE in a different row can drive a column interconnect, which
causes a row interconnect to drive the peripheral control signal. The chip-
wide reset signal resets all IOE registers, overriding any other control
signals.
When a dedicated clock pin drives IOE registers, it can be inverted for all
IOEs in the device. All IOEs must use the same sense of the clock. For
example, if any IOE uses the inverted clock, all IOEs must use the inverted
clock, and no IOE can use the non-inverted clock. However, LEs can still
use the true or complement of the clock on an LAB-by-LAB basis.
The incoming signal may be inverted at the dedicated clock pin and will
drive all IOEs. For the true and complement of a clock to be used to drive
IOEs, drive it into both global clock pins. One global clock pin will supply
the true, and the other will supply the complement.
When the true and complement of a dedicated input drives IOE clocks,
two signals on the peripheral control bus are consumed, one for each
sense of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com