Electronic Components Datasheet Search
  English  ▼

X  

ACEX1K Datasheet(PDF) 9 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 9 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 5Page - Altera Corporation ACEX1K Datasheet HTML 6Page - Altera Corporation ACEX1K Datasheet HTML 7Page - Altera Corporation ACEX1K Datasheet HTML 8Page - Altera Corporation ACEX1K Datasheet HTML 9Page - Altera Corporation ACEX1K Datasheet HTML 10Page - Altera Corporation ACEX1K Datasheet HTML 11Page - Altera Corporation ACEX1K Datasheet HTML 12Page - Altera Corporation ACEX1K Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
Altera Corporation
9
ACEX 1K Programmable Logic Device Family Data Sheet
13
Embedded Array Block
The EAB is a flexible block of RAM, with registers on the input and output
ports, that is used to implement common gate array megafunctions.
Because it is large and flexible, the EAB is suitable for functions such as
multipliers, vector scalars, and error correction circuits. These functions
can be combined in applications such as digital filters and
microcontrollers.
Logic functions are implemented by programming the EAB with a read-
only pattern during configuration, thereby creating a large LUT. With
LUTs, combinatorial functions are implemented by looking up the results
rather than by computing them. This implementation of combinatorial
functions can be faster than using algorithms implemented in general
logic, a performance advantage that is further enhanced by the fast access
times of EABs. The large capacity of EABs enables designers to implement
complex functions in a single logic level without the routing delays
associated with linked LEs or field-programmable gate array (FPGA)
RAM blocks. For example, a single EAB can implement any function with
8 inputs and 16 outputs. Parameterized functions, such as LPM functions,
can take advantage of the EAB automatically.
The ACEX 1K enhanced EAB supports dual-port RAM. The dual-port
structure is ideal for FIFO buffers with one or two clocks. The ACEX 1K
EAB can also support up to 16-bit-wide RAM blocks. The ACEX 1K EAB
can act in dual-port or single-port mode. When in dual-port mode,
separate clocks may be used for EAB read and write sections, allowing the
EAB to be written and read at different rates. It also has separate
synchronous clock enable signals for the EAB read and write sections,
which allow independent control of these sections.
The EAB can also be used for bidirectional, dual-port memory
applications where two ports read or write simultaneously. To implement
this type of dual-port memory, two EABs are used to support two
simultaneous reads or writes.
Alternatively, one clock and clock enable can be used to control the input
registers of the EAB, while a different clock and clock enable control the
output registers (see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com