Electronic Components Datasheet Search
  English  ▼

X  

ACEX1K Datasheet(PDF) 36 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 36 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 32Page - Altera Corporation ACEX1K Datasheet HTML 33Page - Altera Corporation ACEX1K Datasheet HTML 34Page - Altera Corporation ACEX1K Datasheet HTML 35Page - Altera Corporation ACEX1K Datasheet HTML 36Page - Altera Corporation ACEX1K Datasheet HTML 37Page - Altera Corporation ACEX1K Datasheet HTML 38Page - Altera Corporation ACEX1K Datasheet HTML 39Page - Altera Corporation ACEX1K Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
36
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
f For more information, search for “SameFrame” in MAX+PLUS II Help.
Note:
(1)
This option is supported with a 256-pin FineLine BGA package and SameFrame
migration.
ClockLock &
ClockBoost
Features
To support high-speed designs, -1 and -2 speed grade ACEX 1K devices
offer ClockLock and ClockBoost circuitry containing a phase-locked loop
(PLL) that is used to increase design speed and reduce resource usage.
The ClockLock circuitry uses a synchronizing PLL that reduces the clock
delay and skew within a device. This reduction minimizes clock-to-
output and setup times while maintaining zero hold times. The
ClockBoost circuitry, which provides a clock multiplier, allows the
designer to enhance device area efficiency by sharing resources within the
device. The ClockBoost feature allows the designer to distribute a low-
speed clock and multiply that clock on-device. Combined, the ClockLock
and ClockBoost features provide significant improvements in system
performance and bandwidth.
The ClockLock and ClockBoost features in ACEX 1K devices are enabled
through the Altera software. External devices are not required to use these
features. The output of the ClockLock and ClockBoost circuits is not
available at any of the device pins.
The ClockLock and ClockBoost circuitry lock onto the rising edge of the
incoming clock. The circuit output can drive the clock inputs of registers
only; the generated clock cannot be gated or inverted.
The dedicated clock pin (GCLK1) supplies the clock to the ClockLock and
ClockBoost circuitry. When the dedicated clock pin is driving the
ClockLock or ClockBoost circuitry, it cannot drive elsewhere in the
device.
Table 10. ACEX 1K SameFrame Pin-Out Support
Device
256-Pin
FineLine
BGA
484-Pin
FineLine
BGA
EP1K10
v
(1)
EP1K30
v
(1)
EP1K50
vv
EP1K100
vv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com