Electronic Components Datasheet Search
  English  ▼

X  

ACEX1K Datasheet(PDF) 33 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 33 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 29Page - Altera Corporation ACEX1K Datasheet HTML 30Page - Altera Corporation ACEX1K Datasheet HTML 31Page - Altera Corporation ACEX1K Datasheet HTML 32Page - Altera Corporation ACEX1K Datasheet HTML 33Page - Altera Corporation ACEX1K Datasheet HTML 34Page - Altera Corporation ACEX1K Datasheet HTML 35Page - Altera Corporation ACEX1K Datasheet HTML 36Page - Altera Corporation ACEX1K Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
Altera Corporation
33
ACEX 1K Programmable Logic Device Family Data Sheet
13
Row-to-IOE Connections
When an IOE is used as an input signal, it can drive two separate row
channels. The signal is accessible by all LEs within that row. When an IOE
is used as an output, the signal is driven by a multiplexer that selects a
signal from the row channels. Up to eight IOEs connect to each side of
each row channel (see Figure 16).
Figure 16. ACEX 1K Row-to-IOE Connections
Note (1)
Note:
(1)
The values for m and n are shown in Table 8.
Table 8 lists the ACEX 1K row-to-IOE interconnect resources.
n
n
Each IOE is driven by an
m-to-1 multiplexer.
Each IOE can drive two
row channels.
IOE8
IOE1
m
m
Row FastTrack
Interconnect
n
Table 8. ACEX 1K Row-to-IOE Interconnect Resources
Device
Channels per Row (n)
Row Channels per Pin (m)
EP1K10
144
18
EP1K30
216
27
EP1K50
216
27
EP1K100
312
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com