Electronic Components Datasheet Search
  English  ▼

X  

ACEX1K Datasheet(PDF) 1 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 1 Page - Altera Corporation

  ACEX1K Datasheet HTML 1Page - Altera Corporation ACEX1K Datasheet HTML 2Page - Altera Corporation ACEX1K Datasheet HTML 3Page - Altera Corporation ACEX1K Datasheet HTML 4Page - Altera Corporation ACEX1K Datasheet HTML 5Page - Altera Corporation ACEX1K Datasheet HTML 6Page - Altera Corporation ACEX1K Datasheet HTML 7Page - Altera Corporation ACEX1K Datasheet HTML 8Page - Altera Corporation ACEX1K Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
®
Altera Corporation
1
ACEX 1K
Programmable Logic Device Family
June 2001, ver. 3.1
Data Sheet
A-DS-ACEX-3.1
13
Features...
s
Programmable logic devices (PLDs), providing low cost
system-on-a-programmable-chip (SOPC) integration in a single
device
–
Enhanced embedded array for implementing megafunctions
such as efficient memory and specialized logic functions
–
Dual-port capability with up to 16-bit width per embedded array
block (EAB)
–
Logic array for general logic functions
s
High density
–
10,000 to 100,000 typical gates (see Table 1)
–
Up to 49,152 RAM bits (4,096 bits per EAB, all of which can be
used without reducing logic capacity)
s
Cost-efficient programmable architecture for high-volume
applications
–
Cost-optimized process
–
Low cost solution for high-performance communications
applications
s
System-level features
–
MultiVoltTM I/O pins can drive or be driven by 2.5-V, 3.3-V, or
5.0-V devices
–
Low power consumption
–
Bidirectional I/O performance (setup time [tSU] and clock-to-
output delay [tCO]) up to 250 MHz
–
Fully compliant with the peripheral component interconnect
Special Interest Group (PCI SIG) PCI Local Bus Specification,
Revision 2.2
for 3.3-V operation at 33 MHz or 66 MHz
Table 1. ACEXTM 1K Device Features
Feature
EP1K10
EP1K30
EP1K50
EP1K100
Typical gates
10,000
30,000
50,000
100,000
Maximum system gates
56,000
119,000
199,000
257,000
Logic elements (LEs)
576
1,728
2,880
4,992
EABs
3
6
10
12
Total RAM bits
12,288
24,576
40,960
49,152
Maximum user I/O pins
136
171
249
333


Similar Part No. - ACEX1K

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ACEX1K ALTERA-ACEX1K Datasheet
1Mb / 86P
Programmable Logic Device Family
ACEX1K ALTERA-ACEX1K_03 Datasheet
1Mb / 86P
Programmable Logic Device Family
More results

Similar Description - ACEX1K

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
Programmable Logic Device Family
EPF6016ATI144-3N ALTERA-EPF6016ATI144-3N Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128SLC84-10 ALTERA-EPM7128SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-10 ALTERA-EPM7128STC100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com