Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
7.6 Typical Characteristics: VS = ±5 V (continued)
At G = 1 V/V, RF = 0 Ω, RF = 250 Ω for other gains, RL = 100 Ω, input and output referenced to mid-supply, and TA ≅ 25°C
(unless otherwise noted).
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
VS = 6.5 V
VS = 8 V
VS = 10 V
VS = 12 V
VOUT = 200 mVPP
Figure 7-7. Noninverting Small-Signal Frequency Response
Over Supply
Time (ns)
0
10
20
30
40
50
60
70
80
90
100
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VOUT = 400 mV-step
VOUT = 2 V-step
.
Figure 7-8. Noninverting Large-Signal Pulse Response
Time (ns)
0
10
20
30
40
50
60
70
80
90
100
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VOUT = 400 mV-step
VOUT = 2 V-step
G =
-1 V/V
Figure 7-9. Inverting Large-Signal Pulse Response
Load Resistance (
)
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
100
1k
HD2
HD3
f = 10 MHz
VOUT = 2 VPP
Figure 7-10. Harmonic Distortion vs Load Resistance
Output Voltage (VPP)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
5
1
HD2
HD3
f = 10 MHz
Figure 7-11. Harmonic Distortion vs Output Voltage
Frequency (Hz)
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
100k
1M
10M
100M
HD2
HD3
VOUT = 2 VPP
Figure 7-12. Harmonic Distortion vs Frequency
www.ti.com
OPA817
SBOS847A – JULY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com