Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments OPA656 Datasheet HTML 21Page - Texas Instruments OPA656 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
9.2 Typical Applications
9.2.1 High Input Impedance, 200 MHz, Digitizer Front-End Amplifier Design
The OPA817 offers a wide large-signal bandwidth, high-slew rate along with high-input impedance making it
ideal for data acquisition systems. The trimmed DC precision of the OPA817 enables its use directly as front-end
amplifier where low offset and offset voltage drift is needed.
–5 V
+5 V
V
IN
V
OUT
+
–
0.22 μF
0.01 μF
0.22 μF
0.01 μF
OPA817
50
900 k
100 k
R
S
100
To FDA or VGA
Figure 9-3. High Input Impedance, 200 MHz, Digitizer Front-End Amplifier
9.2.2 Design Requirements
Table 9-1 lists the design requirements for a High Input Impedance, 200 MHz, Digitizer Front-End Amplifier.
Table 9-1. Design Requirements
Specification
Value
Input Impedance
1 MΩ / 50Ω
Input Range (1 MΩ / 50 Ω)
20 VPP / 2 VPP
Offset Drift
3.5 µV/°C maximum
Noise at Highest Resolution (50 Ω Input)
80 µVRMS
9.2.3 Detailed Design Procedure
• Input Impedance: The JFET-input stage of the OPA817 offers giga ohm's of input impedance and therefore
enables the front-end to be terminated with a 1 MΩ resistor while achieving excellent precision. A 50 Ω
resistance can also be switched in offering matched termination for high-frequency signals. The OPA817
therefore enables the designer to use both 1 MΩ and 50 Ω termination in the same signal chain.
• Noise: The total noise of the front-end amplifier is the function of the voltage and current noise of the
OPA817, input termination, and the resistors thermal noise. In 50 Ω mode, the dominant noise source,
however, is contributed by the voltage noise of the OPA817 due to its presence across the complete
bandwidth. Thus, the total RMS noise of the front-end amplifier shall be approximately equal to the voltage
noise of OPA817 over 200 MHz.
The specified input referred voltage noise of the OPA817 is 4.5 nV/√Hz; for more information see Section 7.5.
The total integrated RMS noise at the input in a bandwidth of 200 MHz is given by the following equation:
EnRMS = 4.5 nV/√Hz × √ (200 MHz × 1.57) = 80 µVRMS.
(1)
The Brickwall correction factor of 1.57 is applied assuming the bandwidth will be limited to 200 MHz with
a single pole RC-filter before digitizing the signal with the ADC. Detailed calculations can be found on TI
Precision Labs – Op Amps: Noise – Spectral Density.
OPA817
SBOS847A – JULY 2022 – REVISED DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com