Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
The low input offset voltage and offset voltage drift of OPA817 makes it a very suitable amplifier for high
precision, high input impedance, wideband data acquisition system front-ends. As Figure 9-2 shows, the system
benefits from the low noise JFET input stage with pico-amperes of input bias current to achieve higher precision
at 1-MΩ input impedance settings and higher SNR at 50-Ω input impedance setting simultaneously in a typical
data acquisition front-end circuit.
Frequency (Hz)
-20
-195
-10
-180
0
-165
10
-150
20
-135
30
-120
40
-105
50
-90
60
-75
70
-60
80
-45
90
-30
100
-15
110
0
120
15
1k
10k
100k
1M
10M
100M
1G
AOL Magnitude (dB)
AOL Phase ()
RL = 100 Ω
Figure 8-5. Open-Loop Gain Magnitude and Phase
Vs Frequency
Frequency (Hz)
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
1k
10k
100k
1M
10M
100M
1G
TA = −40C
TA = 25 C
TA = 105 C
RL = 100 Ω
Figure 8-6. Open-Loop Gain Magnitude vs
Temperature
8.3.4 Device Functional Modes
8.3.4.1 Power-Down (PD) Pin
The OPA817 includes a power-down mode for low-power or standby operation and only consumes 55 μA
(typical) of current when placed in power-down mode. Low-power systems that are only active for small periods
of time benefit from this feature. The OPA817 can transition from low-power mode to active-mode in 300
ns (typical). For power-down pin control thresholds, refer to Section 7.5. An internal pull-up resistor of 2-MΩ
provides a weak pull-up to VS+ if PD is left unconnected. An external 1-nF capacitor to VS+ may be used to avoid
external noise coupling and false triggering. If the power-down mode is not used in an application, then connect
the PD pin to VS+.
OPA817
SBOS847A – JULY 2022 – REVISED DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com