Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments OPA656 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Wideband, High-Input Impedance DAQ Front-End
The OPA817 features a unique combination of high GBWP, low-input voltage noise, and the DC precision of
a trimmed JFET-input stage to provide a high input impedance for a voltage-feedback amplifier. Figure 9-2
shows how its very high GBWP of 400 MHz and high large signal bandwidth of 250 Mhz can be used to either
deliver wide signal bandwidths at high gains or to extend the achievable bandwidth or gain in typical high-speed,
high-input impedance data acquisition front-end applications. To achieve the full performance of the OPA817,
careful attention to the printed circuit board (PCB) layout and component selection is required as discussed in
the following sections of this data sheet. OPA817 also features a wider supply range thereby enabling a wider
common-mode input range to support higher input signal swings.
Figure 9-1 shows the noninverting gain of +2 V/V circuit used as the basis for most of the Typical Characteristics.
Most of the curves were characterized using signal sources with 50-Ω driving impedance, and with measurement
equipment presenting a 50-Ω load impedance. As Figure 9-1 shows, the 49.9-Ω shunt resistor at the VIN terminal
matches the source impedance of the test generator, while the 49.9-Ω series resistor at the VO terminal provides
a matching resistor for the measurement equipment load. Generally, data sheet voltage swing specifications are
at the output pin (VO in Figure 9-1) while output power specifications are at the matched 50-Ω load. As shown in
Figure 9-1, the total 100-Ω load at the output combined with the 250-Ω total feedback network load presents the
OPA817 with an effective output load of 83.3 Ω for the circuit.
R
F
250
–5 V
+5 V
R
G
250
0.01 μF
0.22 μF
0.01 μF
0.22 μF
49.9
V
IN
V
O
49.9
+
–
50
Source
50
Load
Figure 9-1. Noninverting G = +2 V/V Configuration
and Test Circuit
–5 V
+5 V
V
IN
V
OUT
+
–
To FDA or VGA
0.22 μF
0.01 μF
0.22 μF
0.01 μF
OPA817
50
1 M
Figure 9-2. High Input Impedance DAQ Front-End
Voltage-feedback operational amplifiers, unlike current feedback amplifiers, can use a wide range of resistor
values to set their gain. As Figure 9-1 shows, the parallel combination of RF || RG should always be kept to a
lower value to retain a controlled frequency response for the noninverting voltage amplifier. In the noninverting
configuration, the parallel combination of RF || RG will form a pole with the parasitic input capacitance at the
inverting node of the OPA817 (including layout parasitic capacitance). For best performance, this pole should be
at a frequency greater than the closed loop bandwidth for the OPA817.
www.ti.com
OPA817
SBOS847A – JULY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com