Electronic Components Datasheet Search
  English  ▼

X  

MAX2 Datasheet(PDF) 45 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 45 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 41Page - Altera Corporation MAX2 Datasheet HTML 42Page - Altera Corporation MAX2 Datasheet HTML 43Page - Altera Corporation MAX2 Datasheet HTML 44Page - Altera Corporation MAX2 Datasheet HTML 45Page - Altera Corporation MAX2 Datasheet HTML 46Page - Altera Corporation MAX2 Datasheet HTML 47Page - Altera Corporation MAX2 Datasheet HTML 48Page - Altera Corporation MAX2 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 297 page
background image
Chapter 2: MAX II Architecture
2–23
I/O Structure
© October 2008
Altera Corporation
MAX II Device Handbook
I/O Structure
IOEs support many features, including:
■
LVTTL and LVCMOS I/O standards
■
3.3-V, 32-bit, 66-MHz PCI compliance
■
Joint Test Action Group (JTAG) boundary-scan test (BST) support
■
Programmable drive strength control
■
Weak pull-up resistors during power-up and in system programming
■
Slew-rate control
■
Tri-state buffers with individual output enable control
■
Bus-hold circuitry
■
Programmable pull-up resistors in user mode
■
Unique output enable per pin
■
Open-drain outputs
■
Schmitt trigger inputs
■
Fast I/O connection
■
Programmable input delay
MAX II device IOEs contain a bidirectional I/O buffer. Figure 2–19 shows the MAX II
IOE structure. Registers from adjacent LABs can drive to or be driven from the IOE’s
bidirectional I/O buffers. The Quartus II software automatically attempts to place
registers in the adjacent LAB with fast I/O connection to achieve the fastest possible
clock-to-output and registered output enable timing. For input registers, the
Quartus II software automatically routes the register to guarantee zero hold time.
You can set timing assignments in the Quartus II software to achieve desired I/O
timing.
Fast I/O Connection
A dedicated fast I/O connection from the adjacent LAB to the IOEs within an I/O
block provides faster output delays for clock-to-output and t
PD propagation delays.
This connection exists for data output signals, not output enable signals or input
signals. Figure 2–20, Figure 2–21, and Figure 2–22 illustrate the fast I/O connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com