Electronic Components Datasheet Search
  English  ▼

X  

MAX2 Datasheet(PDF) 49 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 49 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 45Page - Altera Corporation MAX2 Datasheet HTML 46Page - Altera Corporation MAX2 Datasheet HTML 47Page - Altera Corporation MAX2 Datasheet HTML 48Page - Altera Corporation MAX2 Datasheet HTML 49Page - Altera Corporation MAX2 Datasheet HTML 50Page - Altera Corporation MAX2 Datasheet HTML 51Page - Altera Corporation MAX2 Datasheet HTML 52Page - Altera Corporation MAX2 Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 297 page
background image
Chapter 2: MAX II Architecture
2–27
I/O Structure
© October 2008
Altera Corporation
MAX II Device Handbook
Table 2–4 describes the I/O standards supported by MAX II devices.
The EPM240 and EPM570 devices support two I/O banks, as shown in Figure 2–22.
Each of these banks support all the LVTTL and LVCMOS standards shown in
Table 2–4. PCI compliant I/O is not supported in these devices and banks.
The EPM1270 and EPM2210 devices support four I/O banks, as shown in Figure 2–23.
Each of these banks support all of the LVTTL and LVCMOS standards shown in
Table 2–4. PCI compliant I/O is supported in Bank 3. Bank 3 supports the PCI
clamping diode on inputs and PCI drive compliance on outputs. You must use Bank 3
for designs requiring PCI compliant I/O pins. The Quartus II software automatically
places I/O pins in this bank if assigned with the PCI I/O standard.
Table 2–4. MAX II I/O Standards
I/O Standard
Type
Output Supply Voltage
(VCCIO) (V)
3.3-V LVTTL/LVCMOS
Single-ended
3.3
2.5-V LVTTL/LVCMOS
Single-ended
2.5
1.8-V LVTTL/LVCMOS
Single-ended
1.8
1.5-V LVCMOS
Single-ended
1.5
3.3-V PCI (1)
Single-ended
3.3
Note to Table 2–4:
(1) The 3.3-V PCI compliant I/O is supported in Bank 3 of the EPM1270 and EPM2210
devices.
Figure 2–22. MAX II I/O Banks for EPM240 and EPM570 (Note 1), (2)
Notes to Figure 2–22:
(1) Figure 2–22 is a top view of the silicon die.
(2) Figure 2–22 is a graphical representation only. Refer to the pin list and the Quartus II software for exact pin locations.
All I/O Banks Support
■ 3.3-V LVTTL/LVCMOS
■ 2.5-V LVTTL/LVCMOS
■ 1.8-V LVTTL/LVCMOS
■ 1.5-V LVCMOS
I/O Bank 2
I/O Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com