Electronic Components Datasheet Search
  English  ▼

X  

MAX2 Datasheet(PDF) 87 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 87 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 83Page - Altera Corporation MAX2 Datasheet HTML 84Page - Altera Corporation MAX2 Datasheet HTML 85Page - Altera Corporation MAX2 Datasheet HTML 86Page - Altera Corporation MAX2 Datasheet HTML 87Page - Altera Corporation MAX2 Datasheet HTML 88Page - Altera Corporation MAX2 Datasheet HTML 89Page - Altera Corporation MAX2 Datasheet HTML 90Page - Altera Corporation MAX2 Datasheet HTML 91Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 297 page
background image
Chapter 5: DC and Switching Characteristics
5–15
Timing Model and Specifications
© August 2009
Altera Corporation
MAX II Device Handbook
t
DDS
Data register data in
setup to data register
clock
20
—
20
—
20
—
20
—
20
—
20
—
ns
t
DDH
Data register data in
hold from data
register clock
20
—
20
—
20
—
20
—
20
—
20
—
ns
t
DP
Program signal to
data clock hold time
0
—
0
—
0
—
0—
0—
0
—
ns
t
PB
Maximum delay
between program
rising edge to UFM
busy signal rising
edge
—
960
—
960
—
960
—
960
—
960
—
960
ns
t
BP
Minimum delay
allowed from UFM
busy signal going low
to program signal
going low
20
—
20
—
20
—
20
—
20
—
20
—
ns
t
PP M X
Maximum length of
busy pulse during a
program
—
100
—
100
—
100
—
100
—
100
—
100
µs
t
AE
Minimum erase signal
to address clock hold
time
0
—
0
—
0
—0
—
0
—0
—
ns
t
EB
Maximum delay
between the erase
rising edge to the
UFM busy signal
rising edge
—
960
—
960
—
960
—
960
—
960
—
960
ns
t
BE
Minimum delay
allowed from the UFM
busy signal going low
to erase signal going
low
20
—
20
—
20
—
20
—
20
—
20
—
ns
t
EPM X
Maximum length of
busy pulse during an
erase
—
500
—
500
—
500
—
500
—
500
—
500
ms
t
DCO
Delay from data
register clock to data
register output
—
5
—
5
—
5
—5
—5
—5
ns
Table 5–21. UFM Block Internal Timing Microparameters (Part 2 of 3)
Symbol
Parameter
MAX II / MAX IIG
MAX IIZ
Unit
–3 Speed
Grade
–4 Speed
Grade
–5 Speed
Grade
–6 Speed
Grade
–7 Speed
Grade
–8 Speed
Grade
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com