Electronic Components Datasheet Search
  English  ▼

X  

TIOS102 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS102
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102 Datasheet(HTML) 4 Page - Texas Instruments

  TIOS102 Datasheet HTML 1Page - Texas Instruments TIOS102 Datasheet HTML 2Page - Texas Instruments TIOS102 Datasheet HTML 3Page - Texas Instruments TIOS102 Datasheet HTML 4Page - Texas Instruments TIOS102 Datasheet HTML 5Page - Texas Instruments TIOS102 Datasheet HTML 6Page - Texas Instruments TIOS102 Datasheet HTML 7Page - Texas Instruments TIOS102 Datasheet HTML 8Page - Texas Instruments TIOS102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
GND
OUT
VCC
ILIM_
ADJ
GND
VCC_
OUT
VSEL
NC
NFAU
LT
NC
IN
EN
1
2
3
A
B
C
D
Figure 5-3. TIOS1023L
YAH, 12-Pin DSBGA
(Top View)
GND
OUT
VCC
ILIM_
ADJ
GND
VCC_
IN
NC
NC
NFAU
LT
NC
IN
EN
1
2
3
A
B
C
D
Figure 5-4. TIOS102
YAH, 12-Pin DSBGA
(Top View)
Table 5-2. Pin Functions (DSBGA)
PIN NO
PIN NAME
Type
DESCRIPTION
TIOS102
TIOS1023L
B3
VCC_IN
VCC_OUT
P
3.3-V or 5-V linear regulator output; external 3.3-V or 5-V logic supply input for option
without LDO.
C3
NFAULT
NFAULT
O
Fault indicator output signal to the microcontroller. Connect this pin via pull-up resistor
to VCC_IN (TIOS102) or VCC_OUT
(TIOS1023, TIOS1025)
D2
TX
TX
I
Transmit data input from the local controller. No effect if EN is low. Logic high sets
low-side switch. Logic low sets high-side switch. Weak internal pull-up.
D3
EN
EN
I
Driver enable input signal from the local controller. Logic low sets the OUT output at
Hi-Z. Weak internal pull-down.
B1
ILIM_ADJ
ILIM_ADJ
I
Input for current limit adjustment. Connect resistor RSET between ILIM_ADJ and GND.
A1,
B2
GND
GND
GND
Device ground connection
A2
OUT
OUT
O
Switch output
A3
VCC
VCC
P
Supply voltage (24 V nominal)
D1,
C2
NC
NC
-
Leave floating. Do not connect.
C1
NC
VSEL
I
TIOS102: Leave floating. Do not connect
TIOS1023L: VSEL: Connect to GND for 5V LDO output. Please leave this pin floating
for 3.3V LDO output
TIOS102, TIOS1023, TIOS1025
SLLSFL4A – FEBRUARY 2022 – REVISED DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com