Electronic Components Datasheet Search
  English  ▼

X  

TIOS102 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS102
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TIOS102 Datasheet HTML 10Page - Texas Instruments TIOS102 Datasheet HTML 11Page - Texas Instruments TIOS102 Datasheet HTML 12Page - Texas Instruments TIOS102 Datasheet HTML 13Page - Texas Instruments TIOS102 Datasheet HTML 14Page - Texas Instruments TIOS102 Datasheet HTML 15Page - Texas Instruments TIOS102 Datasheet HTML 16Page - Texas Instruments TIOS102 Datasheet HTML 17Page - Texas Instruments TIOS102 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
8.3.5 Device Function Tables
Table 8-2. Driver Function
EN
IN
OUT
COMMENT
L / Open
X
Hi-Z
Device is in ready-to-receive state
H
L
H
OUT is sourcing current (high-side drive)
H
H / Open
L
OUT is sinking current (low-side drive)
Table 8-3. Current Limit Indicator Function (t > tSC)
EN
IN
OUT CURRENT
NFAULT
COMMENT
H
H / Open
| I(OUT) | > IO(LIM)
L
OUT current exceeds the set limit for over tSC
| I(OUT) | < IO(LIM)
Z
Normal operation
H
L
| I(OUT) | > IO(LIM)
L
OUT current exceeds the set limit for over tSC
| I(OUT) | < IO(LIM)
Z
Normal operation
L / Open
X
X
Z
Driver is disabled, current limit indicator is inactive
8.3.6 The Integrated Voltage Regulator (LDO)
The TIOS1023 and TIOS1025 each have an integrated linear voltage regulator (LDO) which can supply power to
external components. The voltage regulator is specified for VCC voltages in the range of 7 V to 36 V (TIOS1025)
or in the range of 5 V to 36 V (TIOS102, TIOS1023) with respect to GND. The LDO is capable of delivering
up to 20 mA. The LDO output is current limited to 35-mA to limit the inrush current onto VCC_OUT decoupling
capacitors during initial power up.
In the DSBGA (YAH) package, TIOS1023L offers pin-configurable LDO output via VSEL pin. When VSEL is
connected to GND, VCC_OUT is configured to provide a 5-V output. When VSEL is left floating, VCC_OUT
provides a 3.3-V output.
Table 8-4. LDO Output Configuration via VSEL pin (YAH Package)
VSEL pin connection
VCC_OUT
GND
5 V
Floating
3.3 V
The LDO is designed to be stable with standard ceramic capacitors with values of 1 μF or larger at the
output. X5R- and X7R-type capacitors are best because they have minimal variation in value and ESR over
temperature. Maximum ESR should be less than 1 Ω. With tolerance and dc bias effects, the minimum
capacitance to ensure stability is 1 μF.
TIOS102, TIOS1023, TIOS1025
SLLSFL4A – FEBRUARY 2022 – REVISED DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com