Electronic Components Datasheet Search
  English  ▼

X  

TIOS102 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS102
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TIOS102 Datasheet HTML 20Page - Texas Instruments TIOS102 Datasheet HTML 21Page - Texas Instruments TIOS102 Datasheet HTML 22Page - Texas Instruments TIOS102 Datasheet HTML 23Page - Texas Instruments TIOS102 Datasheet HTML 24Page - Texas Instruments TIOS102 Datasheet HTML 25Page - Texas Instruments TIOS102 Datasheet HTML 26Page - Texas Instruments TIOS102 Datasheet HTML 27Page - Texas Instruments TIOS102 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
11 Layout
11.1 Layout Guidelines
• Use of a 4-layer board is recommended for good heat conduction. Use layer 1 (top layer) for control signals,
layer 2 as GND, layer 3 for the 24-V supply plane (VCC), and layer 4 for the regulated output supply
(VCC_IN/OUT).
• Connect the thermal pad to GND with maximum amount of thermal vias for best thermal performance.
• Use entire planes for VCC, VCC_IN/OUT and GND to assure minimum inductance.
• The VCC terminal must be decoupled to ground with a low-ESR ceramic decoupling capacitor with a
minimum value of 100 nF. The capacitor must have a voltage rating of 50 V minimum (100 V depending
on max sensor supply fault rating) and an X5R or X7R dielectric.
• • The optimum placement of the capacitor is closest to the VCC and GND terminals to reduce supply drops
during large supply current loads. See Figure 11-1 for a PCB layout example.
• Connect all open-drain control outputs via 10 kΩ pull-up resistors to the VCC_IN/OUT plane to provide a
defined voltage potential to the system controller inputs when the outputs are high-impedance.
• Connect the RSET resistor between ILIM_ADJ and GND.
• Decouple the regulated output voltage at VCC_IN/OUT to ground with a low-ESR, 1 μF, ceramic decoupling
capacitor. The capacitor should have a voltage rating of 10 V minimum and an X5R or X7R dielectric.
11.2 Layout Example
VCC
NFAULT
1uF/10V
100nF/
50V
RSET
Exposed Thermal
Pad Area
VIA to Layer 2: Power Ground Plane (VCC)
VIA to Layer 3: 24V Supply Plane (GND)
VIA to Layer 4: Regulated Supply Plane (VCC_IN/OUT)
OUT
GND
VCC
OUT
GND
IN
EN
Use Multiple Vias for
VCC and GND
NC
NC
Figure 11-1. Layout Example
TIOS102, TIOS1023, TIOS1025
SLLSFL4A – FEBRUARY 2022 – REVISED DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com