Electronic Components Datasheet Search
  English  ▼

X  

TIOS102 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS102
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TIOS102 Datasheet HTML 8Page - Texas Instruments TIOS102 Datasheet HTML 9Page - Texas Instruments TIOS102 Datasheet HTML 10Page - Texas Instruments TIOS102 Datasheet HTML 11Page - Texas Instruments TIOS102 Datasheet HTML 12Page - Texas Instruments TIOS102 Datasheet HTML 13Page - Texas Instruments TIOS102 Datasheet HTML 14Page - Texas Instruments TIOS102 Datasheet HTML 15Page - Texas Instruments TIOS102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
8.3 Feature Description
8.3.1 Current Limit Configuration
The output current can be configured with an external resistor on ILIM_ADJ pin. The highest current limit setting
with an external resistor of 10 kΩ specifies a minimum of 300 mA over the operating temperature and voltage
range.
Output disable due to current fault and current fault auto recovery features can be disabled by floating ILIM_ADJ
pin. However, the current fault indication is still active in this configuration. This feature is useful when driving
large capacitance.
When the ILIM_ADJ pin is shorted to ground, the TIOS102(x) is configured to source or sink a minimum of 500
mA. In this mode, current fault indication is disabled. Output Disable and Auto Recovery feature is also disabled
in this mode. The driver is disabled if the power dissipation in the device causes the junction temperature to
reach T(SDN).
Table 8-1. Current Limitation
ILIM_ADJ Pin Condition
OUT Current Limit
(Min.)
NFAULT Indication Due to
Current Fault
Output Disable and Auto
Recovery
RSET resistor to GND
(RSET: 10 kΩ to 110 kΩ)
Variable
(35 mA to 300 mA)
Yes
Yes
Connected to GND (RSET 0 to 5
kΩ)
500 mA
No
No
OPEN
260 mA
Yes
No
8.3.2 Current Fault Detection, Indication and Auto Recovery
If the output current at OUT exceeds the internally set current limit IO(LIM) for a duration longer than tSC, the
NFAULT pin is driven logic low to indicate a fault condition. The output is turned off, but the LDO continues to
function. The output periodically retries to check if the output is still in the over current condition. In this mode,
the output is switched on for tSC in tSCEN intervals. Current fault auto recovery mode can be disabled by setting
ILIM_ADJ = OPEN or GND. See Table 8-3. Toggling EN will clear NFAULT.
8.3.3 Thermal Warning, Thermal Shutdown
If the die temperature exceeds T(WRN), the NFAULT flag is held low indicating a potential over temperature
problem. When the TJ exceeds T(SDN), The output is disabled but the LDO remains operational. As soon as the
temperature drops below the temperature threshold (and after T(HYS)), the internal circuit re-enables the driver,
subject to the state of the EN and IN pins.
TIOS102, TIOS1023, TIOS1025
SLLSFL4A – FEBRUARY 2022 – REVISED DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com