Electronic Components Datasheet Search
  English  ▼

X  

TIOS102 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS102
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TIOS102 Datasheet HTML 16Page - Texas Instruments TIOS102 Datasheet HTML 17Page - Texas Instruments TIOS102 Datasheet HTML 18Page - Texas Instruments TIOS102 Datasheet HTML 19Page - Texas Instruments TIOS102 Datasheet HTML 20Page - Texas Instruments TIOS102 Datasheet HTML 21Page - Texas Instruments TIOS102 Datasheet HTML 22Page - Texas Instruments TIOS102 Datasheet HTML 23Page - Texas Instruments TIOS102 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
9.2.2 Detailed Design Procedure
9.2.2.1 Maximum Junction Temperature Check
For a 200 mA current limit:
• Choose driver output current limit, IO(LIM) = 250 mA (allowing for current limit tolerance); RSET = 27 kΩ
• The maximum voltage drop across the high-side switch at 250 mA current is VDS(ON) = 1.1 V.
This causes a power consumption of:
PDOP=VDSON × IOLIM =1.1 V ×250 mA=275 mW
(1)
For a 5 mA LDO current output,
PDLDO= VL+−VVCCOUT × IVCC_OUT= 30−5V ×5 mA=125 mW
(2)
Total power dissipation,
PD= PDLDO+PDOP=275 mW+125 mW=400 mW 
(3)
Multiply this value with the Junction-to-ambient thermal resistance of θJA = 45.9 °C/W (taken from the Thermal
Information table) to receive the difference between junction temperature, TJ, and ambient temperature, TA:
∆T=TJ−TA=PD 
× θJA=400 mW × 45.9 ℃W=18.36 ℃
(4)
Add this value to the maximum ambient temperature of TA = 105°C to receive the final junction temperature:
TJ=TA+ ∆T=TA+ PD 
× θJA=105 ℃+ 400 mW × 45.9 ℃W=105 ℃+18.36 ℃= 123.36 ℃ (5)
As long as TJ is below the recommended maximum value of 150°C, no thermal shutdown will occur. However,
the junction temperature is closer to TWRN and thermal warning may be generated if the junction temperature
rises above TWRN.
Note that the modeling of the complete system may be necessary to predict junction temperature in smaller
PCBs and/or enclosures without air flow.
9.2.2.2 Driving Capacitive Loads
These devices are capable of driving capacitive loads on the OUT output. Assuming a pure capacitive load
without series/parallel resistance, the maximum capacitance that can be charged without triggering current fault
can be calculated as:
SC
O LIM
LOAD
VCC
I
x t
C
V
[
]
(6)
To drive higher capacitive loads and avoid overcurrent condition disabling the driver, it is recommended to leave
ILIM_ADJ pin floating. With ILIM_ADJ floating, TIOS102(x) indicates overcurrent fault without blanking time
delay (tSC) but does not disable the driver. Another approach is to drive high capacitive loads with a series
resistor between the output and the load to avoid overcurrent condition. Capacitive loads can be connected to
GND or VCC
TIOS102, TIOS1023, TIOS1025
SLLSFL4A – FEBRUARY 2022 – REVISED DECEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com