Electronic Components Datasheet Search
  English  ▼

X  

AP39811 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP39811
Description  PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP39811 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP39811 Datasheet HTML 1Page - Diodes Incorporated AP39811 Datasheet HTML 2Page - Diodes Incorporated AP39811 Datasheet HTML 3Page - Diodes Incorporated AP39811 Datasheet HTML 4Page - Diodes Incorporated AP39811 Datasheet HTML 5Page - Diodes Incorporated AP39811 Datasheet HTML 6Page - Diodes Incorporated AP39811 Datasheet HTML 7Page - Diodes Incorporated AP39811 Datasheet HTML 8Page - Diodes Incorporated AP39811 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP39811
Document number: DS39992 Rev. 5 - 2
4 of 18
www.diodes.com
June 2019
© Diodes Incorporated
AP39811
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 35
V
VSOURCE
SOURCE Input Voltage
-0.3 to 8
V
VCPR
CPR Input Voltage
-0.3 to 8
V
VFB
FB Input Voltage
-0.3 to 8
V
VDS
Drain-Source Voltage (TJ=+25°C)
650
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+300
°C
θJC
Thermal Resistance (Junction to Case) (Note 5)
2
°C/W
θJA
Thermal Resistance (Junction to Ambient) (Note 5)
78
°C/W
—
ESD (Human Body Model)
2000
V
—
ESD (Charged Device Model)
1000
V
Notes:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
5. Test condition: Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch
2 cooling area.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
10
28
V
TA
Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com