Electronic Components Datasheet Search
  English  ▼

X  

AP39811 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP39811
Description  PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP39811 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP39811 Datasheet HTML 1Page - Diodes Incorporated AP39811 Datasheet HTML 2Page - Diodes Incorporated AP39811 Datasheet HTML 3Page - Diodes Incorporated AP39811 Datasheet HTML 4Page - Diodes Incorporated AP39811 Datasheet HTML 5Page - Diodes Incorporated AP39811 Datasheet HTML 6Page - Diodes Incorporated AP39811 Datasheet HTML 7Page - Diodes Incorporated AP39811 Datasheet HTML 8Page - Diodes Incorporated AP39811 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP39811
Document number: DS39992 Rev. 5 - 2
5 of 18
www.diodes.com
June 2019
© Diodes Incorporated
AP39811
Electrical Characteristics (@TA =+25°C, VCC = 15V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
Startup Threshold
—
14.5
16
17.5
V
VOPR(MIN)
Minimum Operating Voltage
—
6.1
6.8
7.5
V
STANDBY CURRENT SECTION
IST
Startup Current
VCC=VTH_ST-1V Before
Startup
—
1
3
A
ICC_OPR
Minimum Operating Current
Static Current
450
550
650
A
CURRENT SENSE SECTION
VCS_H
Peak Current Sense
Threshold Voltage
33% to 100% CC Load
540
600
660
mV
VCS_L
No Load to 3% CC Load
180
200
220
mV
RLINE
Built-In Line Compensation
Resistance
—
48
60
72

tLEB
Leading Edge Blanking
—
250
300
350
ns
CONSTANT VOLTAGE SECTION
VFB
Feedback Threshold
Voltage
Closed Loop Test of VOUT
2.3
2.35
2.4
V
RatioSAMPLE_L
Sample Ratio
No Load to 3% CC Load
50
55
60
%
RatioSAMPLE_H
Sample Ratio
33% to 100% CC Load
55
60
65
%
tSAMPLE_H
Sample Time When
tONS>15s
—
6.4
8
9.6
s
CONSTANT CURRENT SECTION
tONS/tSW
Secondary Winding
Conduction Duty
Tested @ VFB=1V
0.7
0.75
0.8
—
FREQUENCY JITTER
ΔVCS/VCS
VCS Modulation
No Load to Full Load
2.5
3
3.5
%
CABLE COMPENSATION
VCPR_CABLE_MIN
Minimum Cable
Compensation
AP39811A
1.33
1.4
1.47
V
AP39811B
2.04
2.14
2.24
V
VALLEY-ON SECTION
tVAL-ON
Valid Off Time of Valley-On
From the End of tONS
26
32
38
s
DYNAMIC SECTION
tOFF(MAX)
Maximum Off Time
AP39811A
0.9
1
1.1
ms
AP39811B
700
768
836
s
PROTECTION FUNCTION SECTION
VFB(OVP)
Over Voltage Protection at FB
Pin
—
3.3
3.6
3.9
V
VCC(OVP)
Over Voltage Protection at
VCC Pin
—
29.5
32
34.5
V
tONP(MAX)
Maximum Turn-On Time
—
12.8
16
19.2
s
VCS(MIN)
Minimum Peak Current Sense
Voltage at tONP=4s (First
Cycle)
—
80
100
130
mV
VCS(MAX)
Maximum CS Voltage
—
675
750
825
mV
VFB_NEG_L
Low Threshold for FB
Negative Voltage Protection
—
8.4
14
19.6
mV
VFB_NEG_H
High Threshold for FB
Negative Voltage Protection
—
25.2
42
58.8
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com