Electronic Components Datasheet Search
  English  ▼

X  

AP39811 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP39811
Description  PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP39811 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP39811 Datasheet HTML 10Page - Diodes Incorporated AP39811 Datasheet HTML 11Page - Diodes Incorporated AP39811 Datasheet HTML 12Page - Diodes Incorporated AP39811 Datasheet HTML 13Page - Diodes Incorporated AP39811 Datasheet HTML 14Page - Diodes Incorporated AP39811 Datasheet HTML 15Page - Diodes Incorporated AP39811 Datasheet HTML 16Page - Diodes Incorporated AP39811 Datasheet HTML 17Page - Diodes Incorporated AP39811 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AP39811
Document number: DS39992 Rev. 5 - 2
14 of 18
www.diodes.com
June 2019
© Diodes Incorporated
AP39811
Operation Description (continued)
RFB1
RFB2
FB
PFM
VAUX
VPP
VCS_ref
R1
R2
RS
RLC
VLC
Inside
AP39811
Figure 8: Line Compensation Control Circuit
In order to alleviate the difference under the universal input voltage, the AP39811 integrates the line compensation control circuit shown as
Figure 8. During the primary on stage, an inner switcher RS switches on, the RLC is much smaller compared with RFB2, so the RFB2’s effect on
line compensation can be neglected, the proportional line voltage is detected through RFB1 and RLC, and is added to the VCS threshold (VCS_REF).
The VLC can be derived from the Formula 9:
(9)
The final compensated VCS is :
(10)
In the above formulas, VPP is 1.8V at CC mode, RLC is 60, R2 is 60k, R1 is two times of R2, VAUX is the auxiliary winding voltage during
primary-on period, which is proportional to bus voltage. Based on the formula, we can make a conclusion that a smaller RFB1 results in deeper
line compensation. If we know the delay time, tDELAY, typically 150ns in AP39811, we can calculate the RFB1 as a reference for the system
design.
11. Protection
The AP39811 provides versatile protections to prevent the system from damage under various fault conditions. Most protections will trigger auto-
recovery mode in which the system will restart as soon as the VCC drops to VOPR(MIN), when the fault conditions are removed, the system will
recover to normal operation automatically.
VCC OVP
A VCC OVP threshold is set to protect the IC from damage. When the VCC OVP protection is triggered, the IC will stop output drive signal
immediately and the system will enter auto-recovery mode.
Output Over Voltage Protection (SOVP)
As it described above that the FB pin voltage during tONS reflects the output voltage proportionally, this voltage can be used to realize SOVP. The
AP39811 set a higher threshold, VFB(OVP), to shut down the system if the sampled voltage reached the threshold continuously for 3 switching
cycles, the SOVP will be triggered and the system will enter auto-recovery mode.
LC
1
FB
1
FB
AUX
PP
1
FB
LC
R
R
2
R
*
3
R
1
V
V
*
2
R
*
3
R
V
LC
PP
REF
_
CS
V
*
3
2
V
*
3
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com