Electronic Components Datasheet Search
  English  ▼

X  

AP39811 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP39811
Description  PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP39811 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP39811 Datasheet HTML 6Page - Diodes Incorporated AP39811 Datasheet HTML 7Page - Diodes Incorporated AP39811 Datasheet HTML 8Page - Diodes Incorporated AP39811 Datasheet HTML 9Page - Diodes Incorporated AP39811 Datasheet HTML 10Page - Diodes Incorporated AP39811 Datasheet HTML 11Page - Diodes Incorporated AP39811 Datasheet HTML 12Page - Diodes Incorporated AP39811 Datasheet HTML 13Page - Diodes Incorporated AP39811 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AP39811
Document number: DS39992 Rev. 5 - 2
10 of 18
www.diodes.com
June 2019
© Diodes Incorporated
AP39811
Operation Description (continued)
The energy stored in the magnetizing inductance LM each cycle is therefore:
2
2
1
PK
M
I
L
Eg
(3)
So the power transferring from the input to the output is given by:
SW
PK
M
f
I
L
P
2
2
1
(4)
Where, the fSW is the switching frequency. When the peak current IPK is constant, the output power would depend on the switching frequency fSW.
2.
A Special IV Curve for Shaver Charger
Figure 2. A Special IV Curve
Figure 2 is a typical IV curve special for shaver charger, comparing to a conventional charger. In addition to usual Constant Voltage (CV) part and
Constant Current (CC) part, shaver charger requires a unique Slanted Voltage (SV) part. To achieve this special IV curve, the AP39811 creatively
adopts a new control method, called Enhanced Cable Compensation method.
3.
Constant Voltage Control
The output voltage is proportional to the auxiliary winding voltage during tONS period indicated by Formula 5. This auxiliary winding voltage is
divided by resistors RFB1 and RFB2 before inputting to the FB pin. As Figure 3 illustrated, the AP39811 detects the FB voltage at the end of tSAMPLE
during tONS period, the detected voltage which reflects the output voltage is regulated to VFB of 2.4V with the help of the constant voltage control
block. To be compatible with different system designs and avoid the turn-off spike impact, the tSAMPLE is designed to be part of tONS, usually 55%
of tONS at light load and 60% of tONS at heavy load. For system design, adjusting the ratio of RFB1 and RFB2 can get the target output voltage value.
Vd
Vo
N
N
V
S
AUX
AUX
(5)
Figure 3. Auxiliary Voltage Waveform
0V
tONS
tSAMPLE
tSW
tOFF
Vo
Io
CV
SV
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com