| Electronic Components Datasheet Search |
|
AP39811 Datasheet(PDF) 9 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP39811 Datasheet(HTML) 9 Page - Diodes Incorporated |
|
9 / 18 page ![]() AP39811 Document number: DS39992 Rev. 5 - 2 9 of 18 www.diodes.com June 2019 © Diodes Incorporated AP39811 Operation Description 1. The Conventional PSR Operating Waveforms Figure 1. The Operation Waveform of Flyback PSR System Figure 1 shows the typical waveforms which demonstrate the basic operating principle of AP39811 application. And the parameters are defined as following. IP---The primary-side current IS ---The secondary-side current IPK---Peak value of primary-side current IPKS---Peak value of secondary-side current VSEC---The transient voltage at secondary winding VO---The output voltage VAUX---The transient voltage at auxiliary winding VA--- The stable voltage at auxiliary winding when rectification diode is in conducting status, which equals the sum of voltage VCC and the forward voltage drop of auxiliary diode tSW ---The period of switching frequency tONP ---The conduction time when primary-side switch is “ON” tONS ---The conduction time when secondary-side diode is “ON” tOFF ---The dead time when neither primary-side switch nor secondary side diode is “ON” tOFFS --- The time when secondary-side diode is “OFF” For primary-side regulation, the primary current ip(t) is sensed by a current sense resistor RCS connected to pin SOURCE. The current rises up linearly at a rate of: M L t dt t dip ) ( V ) ( IN (1) As illustrated in Figure 1, when the current ip(t) rises up to IPK, the primary MOSFET would turn off. The constant peak current is given by: CS CS PK R V I (2) t ONP t ONS IPK IPKS VO IP IS t OFFS t OFF VSEC VA VAUX t SW |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |