Electronic Components Datasheet Search
  English  ▼

X  

AP39811 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP39811
Description  PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP39811 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP39811 Datasheet HTML 8Page - Diodes Incorporated AP39811 Datasheet HTML 9Page - Diodes Incorporated AP39811 Datasheet HTML 10Page - Diodes Incorporated AP39811 Datasheet HTML 11Page - Diodes Incorporated AP39811 Datasheet HTML 12Page - Diodes Incorporated AP39811 Datasheet HTML 13Page - Diodes Incorporated AP39811 Datasheet HTML 14Page - Diodes Incorporated AP39811 Datasheet HTML 15Page - Diodes Incorporated AP39811 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP39811
Document number: DS39992 Rev. 5 - 2
12 of 18
www.diodes.com
June 2019
© Diodes Incorporated
AP39811
Operation Description (continued)
Figure 5: VCPR and VFB Versus IO
5.
Constant Current Control
In AP39811, Formula 8 shows the related parameters that determine the output current. To get a constant output current, the VCS and tONS/tSW is
fixed in AP39811 during CC mode. Meanwhile, reliable control logic is integrated within AP39811 to ensure the system swift smoothly between CC
mode and CV/SV mode.
(8)
6.
Multiple Segment Peak Current
In the original PFM PSR system, the switching frequency decreases with the decreasing output current, which will encounter audible noise issue
when switching frequency decreases below 20kHz.
In order to avoid audible noise issue, the AP39811 uses 3-segment primary peak current control method at CV and SV mode, the current sense
threshold voltage is piecewise defined. As shown in Figure 6, the low threshold VCS_L is set under 3% CC load, the high threshold VCS_H is set
above 33% CC load. Within the range from 3% to 33%, the threshold VCS_M increases basing on the load condition, the VCS_M is carefully
calculated inside the AP39811 to make the system operate at a constant switching frequency which is higher than 20kHz.
As for the special IV curve, the maximum switching frequency occurs at the slanted voltage mode. During this mode, the VCS reaches its
maximum threshold VCS_H, so the frequency varies only with the input power, carefully select the primary inductance to get a reasonable
frequency feature.
IO
VCPR
VFB
2.4V
Inflection point
Range A
Range B
0
CC
SW
ONS
SW
ONS
OUT
t
t
*
Rcs
Vcs
*
Ns
Np
*
2
1
t
t
*
Ipk
*
Ns
Np
*
2
1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com