Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA593 Datasheet(HTML) 4 Page - Texas Instruments

  OPA593 Datasheet HTML 1Page - Texas Instruments OPA593 Datasheet HTML 2Page - Texas Instruments OPA593 Datasheet HTML 3Page - Texas Instruments OPA593 Datasheet HTML 4Page - Texas Instruments OPA593 Datasheet HTML 5Page - Texas Instruments OPA593 Datasheet HTML 6Page - Texas Instruments OPA593 Datasheet HTML 7Page - Texas Instruments OPA593 Datasheet HTML 8Page - Texas Instruments OPA593 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage, VS = (V+) – (V–)
93
V
Signal input pin voltage(2)
(V–) – 0.3
(V+) + 0.3
V
Status flag and E/D pin voltage(3)
E/D Com + 7
V
ILIMIT pin voltage
V–
(V–) + 3.35
V
Status flag pins current(3)
3
mA
Input current, all pins(2)
±10
mA
Output short circuit current(4)
Continuous
TJ
Junction temperature
–55
150
°C
TSTG
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Input, E/D Com, and output pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the
supply rails must be current-limited to less 10 mA.
(3)
Status flag and E/D pins are diode clamped to E/D Com – 0.3 V and E/D Com + 7 V. Pullup signals must be current-limited to < 3 mA.
(4)
Short-circuit to ground.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage, VS = (V+) – (V–)
Single supply voltage
8
85
V
Dual supply voltage
±4
±42.5
VE/D
E/D pin voltage(1)
5.5
V
Status flag pin voltage(1)
5.5
V
ILIMIT
Current limit set
±25
±250
mA
TA
Operating temperature
–40
125
°C
(1)
Recommended voltage must be current limited to below the listed value in the Absolute Maximum Ratings.
6.4 Thermal Information
THERMAL METRIC(1)
OPA593
UNIT
DNT (WSON)
12 PINS
RθJA
Junction-to-ambient thermal resistance
40.8
℃/W
RθJC(top)
Junction-to-case (top) thermal resistance
30.2
℃/W
RθJB
Junction-to-board thermal resistance
17.8
℃/W
ψJT
Junction-to-top characterization parameter
0.3
℃/W
ψJB
Junction-to-board characterization parameter
17.7
℃/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.3
℃/W
(1)
For information on traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com