Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA593 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 11Page - Texas Instruments OPA593 Datasheet HTML 12Page - Texas Instruments OPA593 Datasheet HTML 13Page - Texas Instruments OPA593 Datasheet HTML 14Page - Texas Instruments OPA593 Datasheet HTML 15Page - Texas Instruments OPA593 Datasheet HTML 16Page - Texas Instruments OPA593 Datasheet HTML 17Page - Texas Instruments OPA593 Datasheet HTML 18Page - Texas Instruments OPA593 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) − (V−) = 85 V, ILIMIT = 100 mA, VCM = VOUT = VS/2, and RL = 10 kΩ connected to VS/2 (unless
otherwise noted)
Frequency (Hz)
20
40
60
80
100
120
10M
100M
1G
10G
Figure 6-49. EMIRR vs Frequency
Time (200 ms/div)
VIN
VOUT
Figure 6-50. No Phase Reversal
Gain = 10 V/V
Figure 6-51. Phase Margin vs Capacitive Load
Capacitance (pF)
20
30 40 50
70
100
200
300
500 700 1000
25
30
35
40
45
50
55
60
65
70
75
RISO = 0
RISO = 25
RISO = 50
Gain = 1 V/V
Figure 6-52. Small-Signal Overshoot vs Capacitive Load
Capacitance (pF)
20
30 40 50
70
100
200
300
500 700 1000
0
5
10
15
20
25
30
35
40
45
50
RISO = 0
RISO = 25
RISO = 50
Gain = −1 V/V
Figure 6-53. Small-Signal Overshoot vs Capacitive Load
Time (2 µs/div)
VIN
VOUT
10-mV step, f = 100 kHz, gain = 1 V/V
Figure 6-54. Small-Signal Step Response
www.ti.com
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com