Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA593 Datasheet(HTML) 5 Page - Texas Instruments

  OPA593 Datasheet HTML 1Page - Texas Instruments OPA593 Datasheet HTML 2Page - Texas Instruments OPA593 Datasheet HTML 3Page - Texas Instruments OPA593 Datasheet HTML 4Page - Texas Instruments OPA593 Datasheet HTML 5Page - Texas Instruments OPA593 Datasheet HTML 6Page - Texas Instruments OPA593 Datasheet HTML 7Page - Texas Instruments OPA593 Datasheet HTML 8Page - Texas Instruments OPA593 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
6.5 Electrical Characteristics
at VS = 85 V, TA = 25°C, RL = 10 kΩ to mid-supply, IOUT limit set to 100 mA, and VCM = VOUT = mid-supply (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±20
±100
µV
dVOS/dT
Input offset voltage
drift
TA = –40°C to +125°C
±0.4
±2
µV/°C
PSRR
Power supply
rejection ratio
VS = ±4 V to ±42.5 V
0.1
1
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±1
±10
pA
TA = –40°C to +85°C
±350
TA = –40°C to +125°C
±5
nA
IOS
Input offset current
±1
±5
pA
TA = –40°C to +85°C
±250
TA = –40°C to +125°C
±1
nA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.9
µVPP
en
Input voltage noise
density
f = 10 Hz
75
nV/√Hz
f = 1 kHz
10
f = 10 kHz
7
in
Current noise
density
f = 1 kHz
12
fA/√Hz
INPUT VOLTAGE
VCM
Common-mode
voltage
Linear operation
(V–) – 0.1
(V+) – 3.5
V
CMRR
Common-mode
rejection
(V–) ≤ VCM ≤ (V+) – 3.5 V
124
140
dB
TA = –40°C to +125°C
108
124
INPUT IMPEDANCE
Differential
1013 || 0.3
Ω || pF
Common-mode
1013 || 9.4
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage
gain
(V–) + 0.3 V < VO < (V+) – 0.3 V,
RL = 10 kΩ
134
140
dB
TA = –40°C to +125°C
130
140
(V–) + 1 V < VO < (V+) – 1 V,
RL = 2 kΩ
132
140
TA = –40°C to +125°C
130
135
(V–) + 2.5 V < VO < (V+) – 2.5 V,
RL = 600 Ω
130
135
TA = –40°C to +125°C
125
130
FREQUENCY RESPONSE
GBW
Gain-bandwidth
product
10
MHz
SR
Slew rate
Gain = ±1, VOUT = 70-V step
Rising
45
V/µs
Falling
35
tS
Settling time
To ±0.01%, gain = –1, VOUT = 70-V step, CL = 100 pF
2.9
µs
THD+N
Total harmonic
distortion + noise
Gain = +1, VOUT = 70 VPP,
f = 1 kHz
RL = 600 Ω
–105
dB
RL = 2 kΩ
–110
OUTPUT
VO
Voltage output
swing from rail
RCL = 0 Ω connected to V–
No load
10
25
mV
IOUT = 50 mA
50
125
IOUT = 100 mA
400
750
IOUT = 250 mA
1.2
2
V
www.ti.com
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com