Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA593 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 19Page - Texas Instruments OPA593 Datasheet HTML 20Page - Texas Instruments OPA593 Datasheet HTML 21Page - Texas Instruments OPA593 Datasheet HTML 22Page - Texas Instruments OPA593 Datasheet HTML 23Page - Texas Instruments OPA593 Datasheet HTML 24Page - Texas Instruments OPA593 Datasheet HTML 25Page - Texas Instruments OPA593 Datasheet HTML 26Page - Texas Instruments OPA593 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
7.3.4 Output Enable and Disable
The OPA593 incorporates an enable and disable feature that uses the E/D pin to disable the output stage of
the amplifier, which reduces the power consumption of the op amp and switches the output to a high-impedance
state.
The E/D pin is referenced to the E/D Com pin. If left floating, the E/D pin is internally pulled up to enable the
device. If externally controlled, the E/D pin must be supplied with a voltage between 1.5 V and 5.5 V greater than
the E/D Com pin voltage. Even though the OPA593 output is enabled with a floating E/D pin, a moderately fast,
negative-going signal capacitively coupled to the E/D pin can overpower the internal pullup and cause device
shutdown. If the enable function is not used, a conservative and recommended approach is to connect E/D
through a 47-pF capacitor to E/D Com. Figure 7-3 shows different ways to connect the E/D and E/D Com pins.
+
–
OPA593
E/D
Com
E/D
V
V+
VOUT
VIN+
VIN
47 pF
GND
GND
+
–
OPA593
E/D
Com
E/D
V
V+
VOUT
VIN+
VIN
GND
GND
DVDD
(Digital Supply)
3-V or
5-V
Logic
Figure 7-3. E/D and E/D Com Pin Connections
When the E/D pin is dropped to a voltage between 0 V and 0.5 V greater than the E/D Com pin voltage, the
output of the OPA593 is disabled. When disabled, the output of the OPA593 is set to a high-impedance state.
www.ti.com
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com