Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA593 Datasheet(HTML) 3 Page - Texas Instruments

  OPA593 Datasheet HTML 1Page - Texas Instruments OPA593 Datasheet HTML 2Page - Texas Instruments OPA593 Datasheet HTML 3Page - Texas Instruments OPA593 Datasheet HTML 4Page - Texas Instruments OPA593 Datasheet HTML 5Page - Texas Instruments OPA593 Datasheet HTML 6Page - Texas Instruments OPA593 Datasheet HTML 7Page - Texas Instruments OPA593 Datasheet HTML 8Page - Texas Instruments OPA593 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5 Pin Configuration and Functions
1
E/D Com
12
E/D
2
NC
11
ILIMIT
3
–IN
10
V+
4
+IN
9
OUT
5
NC
8
Thermal Flag
6
V–
7
Current Flag
Not to scale
Thermal Pad
Figure 5-1. DNT (12-Pin WSON) Package, Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
Current Flag
7
Output
Overcurrent status flag
E/D
12
Input
Enable and disable
E/D Com
1
Input
Enable and disable common
ILIMIT
11
Input
Current limit
+IN
4
Input
Noninverting input
–IN
3
Input
Inverting input
NC
2, 5
—
No internal connection
OUT
9
Output
Output
Thermal Flag
8
Output
Overtemperature status flag
Thermal Pad
Thermal pad
—
The thermal pad is internally connected to V–. The thermal pad must be soldered to
a printed-circuit board (PCB) connected to V–, even with applications that have low
power dissipation.
V+
10
Power
Positive (highest) power supply
V–
6
Power
Negative (lowest) power supply
www.ti.com
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com