Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA593 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 2Page - Texas Instruments OPA593 Datasheet HTML 3Page - Texas Instruments OPA593 Datasheet HTML 4Page - Texas Instruments OPA593 Datasheet HTML 5Page - Texas Instruments OPA593 Datasheet HTML 6Page - Texas Instruments OPA593 Datasheet HTML 7Page - Texas Instruments OPA593 Datasheet HTML 8Page - Texas Instruments OPA593 Datasheet HTML 9Page - Texas Instruments OPA593 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6.5 Electrical Characteristics (continued)
at VS = 85 V, TA = 25°C, RL = 10 kΩ to mid-supply, IOUT limit set to 100 mA, and VCM = VOUT = mid-supply (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Continuous output
current, dc
VS = 85 V, RCL = 2.29 kΩ, ILIMIT = 250 mA
±250
mA
CLOAD
Capacitive load
drive
See typical curves
pF
ZO
Open-loop output
impedance
See typical curves
Ω
Output impedance
Output disabled, V– < VOUT < V+
100
MΩ
Output capacitance Output disabled
56
pF
CURRENT LIMIT
ILIMIT
Current limit
±25
±250
mA
Current limit
accuracy(3)
Sourcing,
RL = 10 Ω to mid-supply
ILIMIT = 25 mA,
VLIMIT = 3.33 V
17
29
mA
ILIMIT = 50 mA,
VLIMIT = 2.98 V
42
55
ILIMIT = 100 mA,
VLIMIT = 2.27V
94
107
ILIMIT = 250 mA,
VLIMIT = 0.14 V
237
263
Sinking,
RL = 10 Ω to mid-supply
ILIMIT = 25 mA,
VLIMIT = 3.33 V
10
45
ILIMIT = 50 mA,
VLIMIT = 2.98 V
35
68
ILIMIT = 100 mA,
VLIMIT = 2.27 V
85
115
ILIMIT = 250 mA,
VLIMIT = 0.14 V
235
275
Current limit
equation
Resistor set, RCL connected between ILIMIT pin and V–
(3.687 V × 4000) / (56.7 kΩ + RCL)
mA
Voltage set, VLIMIT connected to ILIMIT pin and
referenced to V–
4000 × (3.687 V – VLIMIT) / 56.7 kΩ
STATUS FLAG PIN (Referenced to E/D Com)
Status flag delay
Overcurrent delay
10
µs
Overcurrent recovery delay
10
Thermal shutdown
Alarm (status flag high)
170
°C
Return to normal operation (status flag low)
150
Status flag output
voltage
Normal operation
See typical curves
E/D PIN
VE/D
E/D voltage(1)
Enable, pin open or forced high(2)
E/D Com + 1.5
E/D Com + 5.5
V
Disable, pin forced low(2)
E/D Com
E/D Com + 0.5
IE/D
E/D input current
50
µA
Output disable time
12
µs
Output enable time
18
µs
E/D COM PIN
E/D Com voltage
(V–)
(V+) – 6
V
POWER SUPPLY
IQ
Quiescent current
3.25
3.75
mA
TA = –40°C to +125°C
4
Output disabled
0.25
(1)
For information on the output enable and disable feature see Section 7.3.4.
(2)
Enable and disable voltage thresholds can vary near the maximum temperature range; see Figure 6-67.
(3)
Proper output swing headroom is necessary to maintain current limit accuracy; see Figure 6-19. to Figure 6-34.
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com