Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA593 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 8Page - Texas Instruments OPA593 Datasheet HTML 9Page - Texas Instruments OPA593 Datasheet HTML 10Page - Texas Instruments OPA593 Datasheet HTML 11Page - Texas Instruments OPA593 Datasheet HTML 12Page - Texas Instruments OPA593 Datasheet HTML 13Page - Texas Instruments OPA593 Datasheet HTML 14Page - Texas Instruments OPA593 Datasheet HTML 15Page - Texas Instruments OPA593 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) − (V−) = 85 V, ILIMIT = 100 mA, VCM = VOUT = VS/2, and RL = 10 kΩ connected to VS/2 (unless
otherwise noted)
Output Current (mA)
0
25
50
75 100 125 150 175 200 225 250 275 300
-3
-2
-1
0
1
2
3
4
ILIMIT = 50 mA
ILIMIT = 100 mA
ILIMIT = 150 mA
ILIMIT = 200 mA
ILIMIT = 250 mA
VS = 8 V, RL = 10 Ω to mid-supply
Figure 6-31. Output Voltage vs Current Limit Set
Output Current (mA)
0
25
50
75 100 125 150 175 200 225 250 275 300
-4
-3
-2
-1
0
1
2
3
4
ILIMIT = 50 mA
ILIMIT = 100 mA
ILIMIT = 150 mA
ILIMIT = 200 mA
ILIMIT = 250 mA
VS = 8 V, RL = 10 Ω to mid-supply
Figure 6-32. Output Voltage vs Current Limit Set
Output Current (mA)
0
25
50
75 100 125 150 175 200 225 250 275 300
32
34
36
38
40
42
44
ILIMIT = 50 mA
ILIMIT = 100 mA
ILIMIT = 150 mA
ILIMIT = 200 mA
ILIMIT = 250 mA
VS = 85 V, RL = 10 Ω to mid-supply
Figure 6-33. Output Voltage vs Output Sourcing Current
Output Current (mA)
0
25
50
75 100 125 150 175 200 225 250 275 300
-42.5
-40
-37.5
-35
-32.5
ILIMIT = 50 mA
ILIMIT = 100 mA
ILIMIT = 150 mA
ILIMIT = 200 mA
ILIMIT = 250 mA
VS = 85 V, RL = 10 Ω to mid-supply
Figure 6-34. Output Voltage vs Output Sinking Current
Current Limit Set (mA)
20
40
60
80 100 120 140 160 180 200 220 240 260
-5
0
5
10
15
20
25
TA =
−40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 8 V, RL = 10 Ω to mid-supply
Figure 6-35. Output Sourcing Current Error vs Current Limit Set
Current Limit Set (mA)
20
40
60
80 100 120 140 160 180 200 220 240 260
-5
0
5
10
15
20
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 8 V, RL = 10 Ω to mid-supply
Figure 6-36. Output Sinking Current Error vs Current Limit Set
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com