Electronic Components Datasheet Search
  English  ▼

X  

ISL68227IRAZ Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 26Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 27Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 28Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 29Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 30Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 31Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 32Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 33Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
ISL68227
7. Layout and Design Considerations
FN9333 Rev.1.00
Page 30 of 99
Oct.1.20
7.
Layout and Design Considerations
The following layout and design strategies help minimize noise coupling and the impact of board parasitic
impedances on converter performance, and they optimize the heat dissipating capabilities of the Printed Circuit
Board (PCB). Follow these practices during the layout and design process.
7.1
Pin Noise Sensitivity, Design, and Layout Consideration
Table 5 provides general guidance on best practices related to pin noise sensitivity. Use of good engineering
judgment is required to implement designs based on criteria specific to the situation.
Table 5.
Pin Design and/or Layout Consideration
Pin Name
Noise
Sensitive
Description
VINSEN
Yes
Filter VINSEN with 100nF capacitor when sensing VIN directly. Use 10nF when using a resistor divider.
RGNDx
VSENx
Yes
Treat each of the remote voltage sense pairs as differential signals in the PCB layout. Route them side
by side on the same layer. Do not route them in proximity to noisy signals like PWM or Phase. Place a
3.3nF capacitor across the signals directly at the pins on the top layer.
PGx
No
Open-drain. Avoid setting its pull-up higher than VCC. Tie it to ground when not used.
PMSCL,
PMSDA,
nPMALERT
Yes
50kHz to 2MHz signals should pair up with nPMALERT and be routed carefully between devices and
back to the host. Provide 20 mils of spacing within PMSDA, nPMALERT, and PMSCL, and more than
30 mils to all other signals. See the SMBus design guidelines and place proper terminated (pull-up)
resistance for impedance matching. Tie to ground when not used. Pull up to 3.3V max.
TEMPx
Yes
While using SPS, place a filter capacitor no greater than 500pF between each TEMP pin and ground
near the IC. While using NTC, place a 47pF capacitor and a 22k resistor near the IC and route a
differential signal pair from there to the remote NTC. Use Murata NCP15XH103J03RC (5% tolerance) or
NCP15XH103F03RC (1% tolerance). Tie to ground if not used.
nVRHOT
No
Open drain. Avoid setting its pull-up rail higher than VCC.
VCC
Yes
Place a 1µF MLCC decoupling capacitor (X5R or better) directly at the pin.
VCCS
Yes
Place a 4.7µF MLCC decoupling capacitor (X5R or better) directly at the pin.
PWMx
No
Avoid routing near noise sensitive analog lines such as current sense or voltage sense. Leave floating if
not used.
CSx
CSRTNx
Yes
Treat each of the current sense pairs as differential signals in the PCB layout. Route them side by side on
the same layer. Do not route them in close proximity to noisy signals like PWM or Phase. Proper routing
of current sense is perhaps the most critical of all the layout tasks. Place the R-C filter between CSx and
CSRTNx at the controller for SPS configuration.
GND
Yes
This EPAD is the ground for all IC signals. Use four or more vias to directly connect the EPAD to the
ground plane. Never use only a single via or a 0Ω resistor connection to the power ground plane. Split
ground planes are not advised.
General
Comments
The layer next to the top or bottom layer should be a ground layer. The signal layers should be
sandwiched between the ground layers if possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com