Electronic Components Datasheet Search
  English  ▼

X  

ISL68227IRAZ Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 37Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 38Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
ISL68227
10. PMBus Command Detail
FN9333 Rev.1.00
Page 39 of 99
Oct.1.20
10.3 ON_OFF_CONFIG (02h)
Definition: Configures the interpretation and coordination of the OPERATION command and the ENABLE pin.
Access: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Default Value: 17h (ENABLE pin control)
Default Setting: ENABLE pin control, active high, immediate off
10.4 CLEAR_FAULTS (03h)
Definition: Clears all fault status bits in all registers and releases the nPMALERT pin (if asserted) simultaneously.
If a fault condition still exists, the bit(s) reasserts immediately. This command does not restart a device if it is shut
down, it only clears the faults.
Access: Paged
Data Length in Bytes: 0
Data Format: N/A
Type: Write only
Command
ON_OFF_CONFIG (02h)
Format
Bit Field
Bit Position
76
54
32
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0
00
10
111
Bit Number
Purpose
Bit Value
Meaning
7:5
Not Supported
000
Not supported
4:2
Sets the source of enable
0XX
Output enables any time power is present
regardless of pin or OPERATION
command state.
101
Output enables from the enable pin only
110
Output enables from the OPERATION
command only.
111
Output enables from the enable pin AND
the OPERATION command. Both must be
set to enable.
1
Polarity of ENABLE pin
0
Active low
1
Active high
0
ENABLE pin action when commanding the
unit to turn off
0
Use the configured TOFF_DELAY and
TOFF_FALL settings.
1
Turn off the output immediately (decay with
PWM tri-state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com