Electronic Components Datasheet Search
  English  ▼

X  

ISL68227IRAZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
ISL68227
1. Overview
FN9333 Rev.1.00
Page 7 of 99
Oct.1.20
Figure 2. 12-Phase Smart Power Stage (ISL99392)
10µF
1µF
PWM
TREF
TOUT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
GND
VIN
0.1µF
2x22µF
12V
5V
470pF
470pF
100
ISL99392
3.3V
0.056µF
VCC
VCCS
TEMP0
RGND0
VSEN0
nPMALERT
PMSDA
PMSCL
PWM0
CSRTN0
CS0
ISL68227
PG0
nVRHOT
CONFIG
ADDRESS
CFP
COUT
3300pF
100
VOS
0.01µF
10k
40.2k
5V
VMON
VOUT0
0.1µF
12V
VINSEN
PWM1
CSRTN1
CS1
PWM2
CSRTN2
CS2
PWM3
CSRTN3
CS3
PWM4
CSRTN4
CS4
PWM5
CSRTN5
CS5
PWM6
CSRTN6
CS6
EN0
PWM
TREF
TOUT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
GND
VIN
0.1µF
2x22µF
12V
5V
ISL99392
PWM11
CSRTN11
CS11
100
VOS
PWM7
CSRTN7
CS7
PWM8
CSRTN8
CS8
PWM9
CSRTN9
CS9
PWM10
CSRTN10
CS10
FLT
470pF
0.056µF
FLT
VOUT0
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com