Electronic Components Datasheet Search
  English  ▼

X  

ISL68227IRAZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
ISL68227
3. Initializing the Device
FN9333 Rev.1.00
Page 16 of 99
Oct.1.20
3.2
Selecting the PMBus Address
A resistor reader selects the PMBus slave address.The ADDRESS pin reads the value of a resistor connected to
GND to determine the PMBus address to use during host communication. Table 3 shows the RADDRESS values to
specify the PMBus slave addresses (7-bit).
3.3
Selecting the User Configurations
A user configuration is loaded for operation at power-up. The CONFIG pin reads the value of a resistor connected
to GND to determine which user configuration is loaded. The ISL68227 supports 16 distinct configuration
identifiers. Table 4 provides the RCONFIG value corresponding to each configuration identifier. A total of
28 one-time programmable non-volatile memory locations are available to store new user configurations or
overwrite existing ones. With this flexibility, all 16 unique configurations can be written with 12 available
overwrites, one configuration ID can be written up to 28 times, or any combination of configuration IDs can be
written until the 28 write limit is reached. Only the most recent configuration for a given configuration ID can be
loaded. When all 28 memory locations have been written, the ISL68227 no longer accepts attempts to write to
NVM. PowerNavigator provides a simple interface to store and load configurations.
Table 3.
Resistor Value to PMBus Address Map
R Value (Ω)
PMBus Address
R Value (Ω)
PMBus Address
0
60
5230
51
162
61
5900
52
316
62
6650
53
487
63
7500
54
681
64
8450
55
887
65
9530
56
1130
66
10700
57
1370
67
12100
58
1650
45
13700
59
1960
46
15400
5A
2320
47
17400
5B
2670
4C
19600
5C
3090
4D
22100
5D
3570
4E
24300
5E
4120
4F
27400
5F
4640
50
30100
68
Table 4.
Resistor Value to CONFIG ID Map
R Value (Ω)
Configuration ID
R Value (Ω)
Configuration ID
0
0
1650
8
162
1
1960
9
316
2
2320
10
487
3
2670
11
681
4
3090
12
887
5
3570
13
1130
6
4120
14
1370
7
4640
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com