Electronic Components Datasheet Search
  English  ▼

X  

ISL68227IRAZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 24Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
ISL68227
4. Operating the Device
FN9333 Rev.1.00
Page 21 of 99
Oct.1.20
4.10 Output Current Sensing
The ISL68227 supports DCR, resistor, and smart power stage current sensing. Use the differential input CS and
CSRTN pins to connect to the various sense elements.
4.10.1 SPS Current Sensing
In applications using Smart Power Stage (SPS), the SPS IMON output is connected to the corresponding
ISL68227 CSn input. The CSRTNn pins are connected to the SPS current sense reference voltage. For
connection details, see the typical application diagram shown in Figure 1 on page 6.
4.10.2 Inductor DCR Sensing
Inductor windings have a resistive component (DCR) that drops a voltage proportional to the inductor current.
Figure 10 shows that the DCR is treated as a lumped element with one terminal inaccessible for measurement.
Fortunately, a simple R-C network as shown in Figure 10 can reproduce the hidden DCR voltage. By matching the
R-C time constant to the L divided by DCR time constant, it is possible to precisely recreate the DCR voltage
across the capacitor, so that VDCR(t) = VC(t), preserving even the switching frequency characteristic of the DCR
voltage.
Modern inductors often have such low DCR values that the resulting signal is <10mV. To avoid noise problems,
care must be taken in the PCB layout to properly place the R-C components and route the differential lines
between controller and inductor. Figure 10 shows one PCB design method that places the R component near the
inductor VPHASE and the C component very close to the IC pins. The design method maintains isolation of the
noisy VPHASE node and maximizes filtering near the IC. Route the lines as a pair on a single layer directly to the
controller. Avoid routing the pair near any switching signals such as Phase and PWM. This is the method used by
Renesas on evaluation board designs. Note: The R component should be 0603 or greater size to limit the effects
of voltage coefficient of resistance in the resistor.
Because the DCR is actually the resistance of a metal winding, the DCR value increases with rising temperature.
The increase must be compensated or the sensed (and reported) current increases with temperature. To
compensate the temperature effect, the ISL68227 provides temperature sensing options and an internal
methodology to apply the correction.
Figure 10. DCR Sensing Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com