Electronic Components Datasheet Search
  English  ▼

X  

ISL68227IRAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL68227IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
FN9333 Rev.1.00
Page 1 of 99
Oct.1.20
ISL68227
Digital Single Output,12-Phase PWM Controller
Datasheet
The ISL68227 is a digital multiphase (X ≤ 12) PWM
controller with PMBus V1.3 compatibility. The digital
multiphase controller can be configured to support
any phase assignment up to a maximum of
12 phases. Increased power density, combined with
support for PMBus V1.3 allows the ISL68227 to
support any demanding power supply requirements.
The ISL68227 uses the proprietary Renesas digital
synthetic current modulation scheme to achieve the
industry-best combination of transient response, ease
of tuning, and efficiency across the full load range.
Diode emulation and automatic phase add/drop
features allow you to extract maximum efficiency from
the converter regardless of load conditions. You can
use the intuitive Renesas PowerNavigator™ software
to configure and monitor the device.
With minimal external components, easy
configuration, robust fault management, and highly
accurate regulation capability, implementing a
high-performance, multiphase regulator has never
been easier.
Applications
• Network equipment
• Server/storage equipment
• Telecom/datacom equipment
• Point-of-load power supply (memory, DSP, ASIC,
FPGA)
• Artificial intelligence/accelerator cards (FPGA,
ASIC)
• DDR memory solutions
Related Literature
For a full list of related documents, visit our website:
• ISL68227 device page
Features
• Advanced linear digital modulation scheme
○ Auto phase add/drop with PFM mode for
excellent load vs efficiency profile
○ Dual edge modulation with optional diode braking
for faster transient response
○ Excellent VOUT transition performance
○ Zero latency synthetic current control for excellent
high frequency current balance
• Flexible phase assignment from 1 to 12 phases
• Up to 2MHz switching frequency operation for high
density designs
• Differential remote voltage sensing supports ±0.5%
closed-loop system accuracy over load, line, and
temperature
• Highly accurate current sensing for excellent
load-line regulation and accurate OCP
○ Supports the full range of Renesas Smart Power
Stage (SPS) devices
• Comprehensive fault management enables high
reliability systems
○ Pulse-by-pulse (per phase) and total output
current limiting
○ Black Box status recording capability with first
fault indicator
• Intuitive configuration using PowerNavigator
• SMBus/PMBus V1.3 compatible
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)


Similar Part No. - ISL68227IRAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68227 RENESAS-ISL68227 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68227 RENESAS-ISL68227 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68227 RENESAS-ISL68227 Datasheet
1Mb / 103P
Digital Dual Output, 5-Phase Controller
Oct.1.20
ISL68227 RENESAS-ISL68227 Datasheet
1Mb / 97P
Digital Triple Output, 6-Phase PWM Controller
Oct.1.20
ISL68227 RENESAS-ISL68227 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
More results

Similar Description - ISL68227IRAZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68221 RENESAS-ISL68221 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68224 RENESAS-ISL68224 Datasheet
1Mb / 97P
Digital Triple Output, 6-Phase PWM Controller
Oct.1.20
ISL68225 RENESAS-ISL68225 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
ISL68226 RENESAS-ISL68226 Datasheet
1Mb / 96P
Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
ISL68229 RENESAS-ISL68229 Datasheet
1Mb / 107P
Digital Triple Output, 12-Phase PWM Controller
Jul 21, 2022
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com