Electronic Components Datasheet Search
  English  ▼

X  

ISL68227IRAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
ISL68227
2. Specifications
FN9333 Rev.1.00
Page 13 of 99
Oct.1.20
2.4
Electrical Specifications
Recommended operating conditions, VCC = 3.3V, unless otherwise specified. Boldface limits apply across the operating ambient
temperature range -40°C to +85°C.
Parameter
Test Conditions
Min
(Note 7)Typ
Max
(Note 7)Unit
VCC Supply Current
Nominal Supply Current
VCC = 3.3VDC; ENx = VIH, all rails and
phases operating, fSW = 600kHz
61
mA
Shutdown Supply Current
VCC = 3.3VDC; EN0 = 0V, no switching
8
mA
VCCS LDO Supply
Output Voltage
1.22
V
Maximum Current Capability
Excluding internal load
20
mA
Power-On Reset (POR)
VCC Brownout Threshold
2.95
V
VCCS Rising POR Threshold
1V
VCCS Falling POR Threshold
0.9
V
Enable Input High Level
2.0
V
Enable Input Low Level
0.8
V
Configurations Stored in Memory
Number of Configuration Write Slots
28
Number of Unique Configurations Stored
16
POR to Initialization
POR to Initialization Complete Time
15
ms
Output Voltage Characteristics
System Accuracy
Note 6, closed loop
VOUT set-point = 1.00V to 3.05V
-0.5
0.5
%
Note 6, closed loop
VOUT set-point = 0.8V to 0.999V
-5
5
mV
Note 6, closed loop
VOUT set-point = 0.25V to 0.799V
-8
+8
mV
Voltage Sense Amplifier
Open Sense Current
Only at VSEN open detection during
initialization period
220
µA
Input Impedance (VSEN - RGND)
140
kΩ
Maximum Common-Mode Input
VCC - 0.2
V
Differential Input Range (VSEN - RGND)
3.05
V
Output Current-Sense and Overcurrent Protection
Current Sense Accuracy
SPS configuration
-1
1
%
Average Overcurrent Threshold Resolution
0.1
A
Cycle-by-Cycle Current Limiting Threshold
Resolution
0.4
A
Digital Droop
Droop Resolution
0.01
mV/A
Oscillators
Accuracy of Switching Frequency Setting
±2
%
Switching Frequency Range
0.2
2.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com