Electronic Components Datasheet Search
  English  ▼

X  

EM78P451WM Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
Product Specification (V1.1) 06.30.2003
• 13
(This specification is subject to change without further notice)
Bit 5 (WDTE)
Control bit used to enable Watchdog timer.
The WDTE bit can be used only if ENWDT, the CODE Option bit, is "1".
If the ENWDT bit is "1", then WDT can be disabled/enabled by the
WDTE bit.
0: Disable WDT.
1: Enable WDT.
The WDTE bit is not used if ENWDT, the CODE Option bit ENWDT, is
"0". That is, if the ENWDT bit is "0", WDT is always disabled no matter
what the WDTE bit is.
The WDTE bit can be read and written.
Bit 6 (ODE)
Open-drain control bit.
0: Both P76 and P77 are normally I/O pins.
1: Both P76 and P77 pins have the open-drain function inside.
The ODE bit can be read and written.
Bits 1~2, and 7
Not used.
4.2.7 IOCF (Interrupt Mask Register)
7
6
5
4
3
2
1
0
-
-
-
-
TM1IE
SPIIE
EXIE
TCIE
Bit 0 (TCIE)
TCIF interrupt enable bit.
0: disable TCIF interrupt
1: enable TCIF interrupt
Bit 1 (EXIE)
EXIF interrupt enable bit.
0: disable EXIF interrupt
1: enable EXIF interrupt
Bit 2 (SPIIE)
SPI interrupt enable bit.
0: disable SPI interrupt
1: enable SPI interrupt
Bit 3 (TM1IE)
TM1IE interrupt enable bit.
0: disable TM1IE interrupt
1: enable TM1IE interrupt
Bits 4~7
Not used.
Individual interrupt is enabled by setting its associated control bit in IOCF to "1".
The IOCF Register could be read and written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com