Electronic Components Datasheet Search
  English  ▼

X  

EM78P451WM Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
42
•
Product Specification (V1.1) 06.30.2003
(This specification is subject to change without further notice)
Bit 7 (RCT):
Resistor Capacitor.
0: internal RC
1: external RC
Bit 6 (HLP):
Power consumption selection.
0: Low power
1: High power
Bit 5 ~ Bit 4:
DEL1 and DEL0 (SDI) input delay time options.
DEL 1
DEL 0
Delay time
1
1
0 ns
0
1
50 ns
1
0
100 ns
Bit3~0 (ID):
User’s ID code.
4.11 Instruction Set
Each instruction in the instruction set is a 13-bit word divided into an OP code and one
or more operands. All instructions are executed within one single instruction cycle
(consisting of 2 oscillator periods), unless the program counter is changed by-
(a) Executing the instruction "MOV R2,A", "ADD R2,A", "TBL", or any other instructions
that write to R2 (e.g. "SUB R2,A", "BS R2,6", "CLR R2",
⋅⋅⋅⋅).
(b) execute CALL, RET, RETI, RETL, JMP, Conditional skip (JBS, JBC, JZ, JZA, DJZ,
DJZA) which were tested to be true.
Under these cases, the execution takes two instruction cycles.
In addition, the instruction set has the following features:
(1). Every bit of any register can be set, cleared, or tested directly.
(2). The I/O register can be regarded as general register. That is, the same instruction
can operate on I/O register.
The symbol "R" represents a register designator that specifies which one of the
registers (including operational registers and general purpose registers) is to be utilized
by the instruction. Bits 6 and 7 in R4 determine the selected register bank. "b"
represents a bit field designator that selects the value for the bit located in the register
"R" and affects operation. "k" represents an 8 or 10-bit constant or literal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com