Electronic Components Datasheet Search
  English  ▼

X  

EM78P451WM Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
32
•
Product Specification (V1.1) 06.30.2003
(This specification is subject to change without further notice)
EM78P451 POR voltage range is 1.2V~1.8V. Under customer application, when
power is OFF, Vdd must drop to below 1.2V and remains OFF for 10us before power
can be switched ON again. This way, the EM78P451 will reset and work normally. The
extra external reset circuit will work well if Vdd can rise at very fast speed (50 ms or
less). However, under most cases where critical applications are involved, extra
devices are required to assist in solving the power-up problem.
The device is kept in a RESET condition for a period of approx. 18ms
2 (one oscillator
start-up timer period) after the reset is detected and Fig.16 is the block diagram of
reset. Once the RESET occurs, the following functions are performed.
The oscillator is running, or will be started.
The Program Counter (R2) is set to all "1".
When power is switched on, bits 5~6 of R3 and the upper 2 bits of R4 are cleared.
All I/O port pins are configured as input mode (high-impedance state).
The Watchdog timer and prescaler are cleared.
The Watchdog timer is enabled if Code Option bit ENWDT is "1".
The CONT register is set to all "1" except bit 6 (INT flag).
Bits 3,6 of IOCE register are cleared, bits 0,4~5 of IOCE register are set to "1".
Bits 0 of R3F and bits 0 of IOCF registers are cleared.
The sleep mode (power down) is achieved by executing the SLEP instruction (named
as SLEEP1 MODE). While entering sleep mode, the WDT (if enabled) is cleared but
keeps on running. The controller is awakened by WDT timeout (if enabled), and it will
cause the controller to reset. The T and P flags of R3 are used to determine the source
of the reset (wake-up).
In addition to the basic SLEEP1 MODE, EM78P451 has another sleep mode (caused
by clearing "SLPC" bit of IOCE register, designated as SLEEP2 MODE). In the
SLEEP2 MODE, the controller can be awakened by-
(a) Any one of the wake-up pins is set to “0.” (refer to Fig.17). Upon waking, the
controller will continue to execute the program in-line. In this case, before entering
SLEEP2 MODE, the wake-up function of the trigger sources (P60~P67, P74~P75,
and P90~P91)should be selected (e.g. input pin) and enabled (e.g. pull-high,
wake-up control). One caution should be noted is that after waking up, the WDT is
enabled if Code Option bit ENWDT is "1". The WDT operation (to be enabled or
disabled) should be appropriately controlled by software after waking up.
(b) WDT time-out (if enabled). On wake-up, will cause the controller reset.
2 NOTE: Vdd = 5V, set up time period = 16.2ms ± 5%
Vdd = 3V, set up time period = 18.0ms ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com