Electronic Components Datasheet Search
  English  ▼

X  

EM78P451WM Datasheet(PDF) 24 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 24 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 28Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
20
•
Product Specification (V1.1) 06.30.2003
(This specification is subject to change without further notice)
P92/SDI:
Serial Data In.
P93/SDO:
Serial Data Out.
P94/SCK:
Serial Clock.
P95//SS:
/Slave Select (Option). This pin (/SS) may be required during a slave
mode.
RBF:
Set by Buffer Full Detector, and reset in software.
RBIF:
Set by Buffer Full Detector, and reset in software.
Buffer Full Detector:
Sets to 1 when an 8-bit shifting is completed.
SSE:
Loads the data in SPIS register, and begin to shift
SPIS reg.:
Shifting byte in and out. The MSB is shifted first. Both the SPIS
register and the SPIW register are loaded at the same time. Once
data are written, SPIS starts transmission / reception. The received
data will be moved to the SPIR register as the shifting of the 8-bit data
is completed. The RBF (Read Buffer Full) flag and the RBFI(Read
Buffer Full Interrupt) flag are then set.
SPIR reg.:
Read buffer. The buffer will be updated as the 8-bit shifting is
completed. The data must be read before the next reception is
completed. The RBF flag is cleared as the SPIR register reads.
SPIW reg.:
Write buffer. The buffer will deny any attempt to write until the 8-bit
shifting is completed.
The SSE bit will be kept in 1 if the communication is still undergoing.
This flag must be cleared as the shifting is completed. Users can
determine if the next write attempt is available.
SBRS2~SBRS0
:Programming the clock frequency/rates and sources.
Clock Select
:
Selecting either the internal or external clock as the shifting clock.
Edge Select
:
Selecting the appropriate clock edges by programming the CES bit
4.5.3 SPI Signal & Pin Description
The detailed functions of the four pins, SDI, SDO, SCK, and /SS, which are shown in
Fig. 9, are as follows:
SDI/P92 (Pin 7):
Serial Data In,
Receive serially, the Most Significant Bit (MSB) first, Least Significant Bit (LSB)
last,
Defined as high-impedance, if not selected,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com