Electronic Components Datasheet Search
  English  ▼

X  

EM78P451WM Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
36
•
Product Specification (V1.1) 06.30.2003
(This specification is subject to change without further notice)
X: Not used. U: Unknown or don’t care.P: Previous value before reset.
t : Check Table 7
4.7.1 The Status of RST, T, and P of STATUS Register
A RESET condition is initiated by the following events:
1. A power-on condition,
2. Watchdog timer time-out.
The values of T and P, listed in Table 7 are used to check how the processor wakes up.
Table 8 shows the events that may affect the status of T and P.
Table 7 The Values of RST, T and P After RESET
Reset Type
T
P
Power on
1
1
WDT during Operating mode
0
P
WDT wake-up during SLEEP1 mode
0
0
WDT wake-up during SLEEP2 mode
0
P
Wake-Up on pin change during SLEEP2 mode
P
P
*
P: Previous value before reset
Table 8 The Status of RST, T and P Being Affected by Events
Event
T
P
Power on
1
1
WDTC instruction
1
1
WDT time-out
0
*P
SLEP instruction
1
0
Wake-Up on pin change during SLEEP2 mode
P
P
*
P: Previous value before reset
4.8 Interrupt
The EM78P451 has the following interrupts.
1. /TCC overflow interrupt
2. External interrupt (/INT)
3. Serial Peripheral Interface (SPI) transmission completed interrupt.
4. Timer1 comparator completed interrupt.
R3F is the interrupt status register, which records the interrupt request in flag bit. IOCF
is the interrupt mask register. Global interrupt is enabled by ENI instruction and is
disabled by DISI instruction. When one of the interrupts (if enabled) is generated, will
cause the next instruction to be fetched from address 001H. Once in the interrupt
service routine the source of the interrupt can be determined by polling the flag bits in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com