Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3302
8
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
EN (Pin 1): The EN pin has a precision enable threshold
with hysteresis. An external resistor divider, from VIN or
from another supply, can be used to program the thresh-
old below which the LTC3302 shuts down. If the precision
threshold is not required, tie EN directly to VIN. When the
EN pin is low the LTC3302 enters a low current shutdown
mode where all internal circuitry is disabled. Do not float
this pin.
VIN (Pins 2, 3): The VIN pins supply current to the top-
side power switch. Connect both VIN pins together with
a short, wide trace and bypass to PGND with a low-ESR
capacitor located as close to the pins as possible.
SW (Pins 4, 5): The SW pins are the switching outputs of
the internal power switches. Connect these pins together
and to the inductor with a short, wide trace.
PGND (Pins 6, 7): The PGND pins are the return path
of the internal bottom side power switch. Connect the
negative terminals of the input capacitors as close to the
PGND pins as possible.
MODE/SYNC (Pin 8): The MODE/SYNC pin is a mode
selection and external clock synchronization input. Float
this pin to enable pulse-skipping mode at light loads.
For higher efficiency at light loads, tie this pin to AVIN to
enable low-ripple Burst Mode operation. For faster tran-
sient response, lower noise, and full frequency opera-
tion over a wide load range, connect this pin to AGND
to enable forced continuous mode. Drive MODE/SYNC
with an external clock to synchronize the switcher to the
applied frequency. While synchronizing, the part operates
in forced continuous mode.
PGOOD (Pin 9): The PGOOD pin is the open-drain output
of an internal power good comparator. When the regulated
output voltage falls below the PGOOD threshold or rises
above the overvoltage threshold, this pin is pulled low.
When VIN is above the UVLO threshold and the part is in
shutdown, this pin is also pulled low.
FB (Pin 10): FB is the output voltage feedback pin for the
LTC3302 adjustable version. The FB pin is regulated to
500mV. Program the output voltage and close the con-
trol loop by connecting this pin to the middle node of a
resistor divider between the regulator output and AGND.
VOUT (Pin 10): VOUT is the regulated output voltage pin
for the LTC3302 fixed voltage versions. For the fixed VOUT
versions, connect this pin directly to the regulator output.
Connect a low-ESR capacitor from this node to AGND.
AGND (Pin 11): The AGND pin is the output voltage
remote ground sense. Connect the AGND pin directly to
the negative terminal of the output capacitor at the load.
The AGND pin is also the ground reference for the internal
analog circuitry. Place a 1μF ceramic bypass capacitor as
close as possible to the AVIN and AGND pins. Connect FB
return to AGND as well.
AVIN (Pin 12): The AVIN pin supplies current to the internal
analog circuitry. Decouple this pin to AGND with a 1µF
low-ESR capacitor to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com