Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3302
20
Rev. 0
For more information www.analog.com
 ANALOG DEVICES, INC. 2023
1/23
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC3307A
5V, 3A Synchronous Step-Down
Silent Switcher in 2mm × 2mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 3A at Switching Frequencies
Up to 3MHz; Silent Switcher Architecture for Ultralow EMI Emissions; 2.25V to 5.5V Input
Operating Range; 0.5V to VIN Output Voltage Range with ±1% Accuracy; PGOOD Indication,
RT Programming, SYNC Input; 2mm × 2mm LQFN
LTC3308A
5V, 4A Synchronous Step-Down
Silent Switcher in 2mm × 2mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 4A at Switching Frequencies
Up to 3MHz; Silent Switcher Architecture for Ultralow EMI Emissions; 2.25V to 5.5V Input
Operating Range; 0.5V to VIN Output Voltage Range with ±1% Accuracy; PGOOD Indication,
RT Programming, SYNC Input; 2mm × 2mm LQFN
LTC3310S
5V, 10A Synchronous Step-Down
Silent Switcher 2 in 3mm × 3mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 10A at Switching Frequencies
Up to 5MHz; Silent Switcher Architecture for Ultralow EMI Emissions; 2.25V to 5.5V Input
Operating Range; 0.5V to VIN Output Voltage Range with ±1% Accuracy; PGOOD Indication, RT
Programming, SYNC Input; Configurable for Paralleling Power Stages; 3mm × 3mm LQFN
LTC3315A
Dual 5V, 2A Synchronous Step-Down
DC/DCs in 2mm × 2mm LQFN
Dual Monolithic Synchronous Step-Down Voltage Regulators each Capable of Supplying 2A at
Switching Frequencies up to 3MHz; 2.25V to 5.5V Input Operating Range; 0.5V to VIN Output
Voltage Range with ±1% Accuracy; PGOOD Indication, SYNC Input; 2mm × 2mm LQFN
LTC3370/
LTC3371
4-Channel 8A Configurable 1A Buck
DC/DCs
Four Synchronous Buck Regulators with 8 × 1A Power Stages; Can Connect Up to Four
Power Stages in Parallel to Make a High Current Output (4A Maximum) with a Single Inductor,
8 Output Configurations Possible, Precision PGOOD Indication; LTC3371 Has a Watchdog
Timer; LTC3370: 32-Lead 5mm × 5mm QFN; LTC3371: 38-Lead 5mm × 7mm QFN and TSSOP
LTC3374A
8-Channel Parallelable 1A Buck DC/DCs Eight 1A Synchronous Buck Regulators; Can Connect Up to Four Power Stages in Parallel to
Make a High Current Output (4A Maximum) with a Single Inductor, 15 Output Configurations
Possible; Precision Enable Inputs and PGOOD_ALL Reporting; 38-Lead 5mm × 7mm QFN
and TSSOP
LTC3375
8-Channel Parallelable 1A Buck DC/DCs Eight 1A Synchronous Buck Regulators; Can Connect Up to Four Power Stages in Parallel to
Make a High Current Output (4A Maximum) with a Single Inductor, 15 Output Configurations
Possible; Precision Enable Inputs and PGOOD_ALL Reporting; I2C Programming with a
Watchdog Timer and Pushbutton; 48-Lead 7mm × 7mm QFN
LTC3412A
3A, 4MHz, Monolithic Synchronous
Step-Down Regulator
95% Efficiency, VIN: 2.25 to 5.5V, VOUT(MIN) = 0.8V, IQ = 64µA, ISD < 1µA,
4mm × 4mm QFN-16 Package
LTC3616
5.5V, 6A, 4MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.25 to 5.5V, VOUT(MIN) = 0.6V, IQ = 75µA, ISD < 1µA,
3mm × 5mm QFN-24 Package
6MHz, VFB Resistor Programmed, 1.8V, 2A, Burst Mode Operation
47.5k
10pF
330nH
18.2k
10µF
VOUT
1.8V
2A
1µF
3302 TA02
EN
SW
VIN
AVIN
PGND
10µF
VIN = 2.25V TO 5.5V
AGND
LTC3302C
1µF
0201
MODE/SYNC
fOSC = 6MHz
FB
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com