Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC3302
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
(COUT) at the load. Any drop in the high current power
ground return path is compensated. The AGND node car-
ries very little current and, therefore, can be a minimal
size trace. Place a small analog bypass 0201 or 0402
ceramic capacitor as close as possible to the LTC3302
directly on the traces leading from AVIN (Pin 12) and
AGND (Pin 11). All of the signal components, such as
the FB resistor dividers, should be referenced to the AGND
node. See the recommended PCB Layout (Figure 3) for
more information.
Enable Threshold Programming
The LTC3302 has a precision threshold enable pin to
enable or disable the switching. When forced low, the
device enters a low current shutdown mode.
The rising threshold of the EN comparator is 400mV,
with 50mV of hysteresis. The EN pin can be tied to VIN
if the shutdown feature is not used. Adding a resistor
divider from VIN to EN programs the LTC3302 to regu-
late the output only when VIN is above a desired voltage
(see Figure 2). Typically, this threshold, VIN(EN), is used
in situations where the input supply is current limited, or
has a relatively high source resistance. A switching regu-
lator draws near constant power from its input source,
so source current increases as source voltage drops.
This looks like a negative resistance load to the source
and can cause the source to current limit or latch low
under low source voltage conditions. The VIN(EN) thresh-
old prevents the regulator from operating at source volt-
ages where problems may occur. This threshold can be
adjusted by setting the values R1 and R2 such that they
satisfy Equation 9.
VIN EN
( ) =
R1
R2
+ 1
⎛
⎝⎜
⎞
⎠⎟
• 400mV
(9)
as shown in Figure 2:
Figure 2.
R1
VIN
EN
3302 F02
LTC3302
R2
EN Divider
The LTC3302 remains off until VIN is above VIN(EN).
The buck regulator remains enabled until VIN falls to
0.875 • VIN(EN) and EN is 350mV.
Alternatively, a resistor divider from an output of an
upstream regulator to the EN pin of the LTC3302 pro-
vides event-based power-up sequencing, enabling the
LTC3302 when the output of the upstream regulator
reaches a predetermined level (e.g. 90% of the regu-
lated output). Replace VIN(EN) in Equation 9 with that
predetermined level.
PCB Layout Considerations
The LTC3302 is a high performance IC designed for high
efficiency and fast transient response. For optimal results
carefully consider the layout of the PCB board and follow
the recommendations below to ensure proper operation.
See Figure 3 for a recommended PCB layout.
1. The VIN input supply pins (Pins 2, 3) should have local
de-coupling capacitors to the PGND pins (Pins 6, 7).
These capacitors provide the AC current to the inter-
nal power MOSFETs and their drivers. Large, switched
currents flow in these capacitors and it is important to
minimize inductance from these capacitors and their
PCB traces to the VIN and PGND pins.
• Choose a small case size, such as 0603, and place
close to the pins on the top side of the board.
• Tofurtherreducede-couplinginductance,asmaller
0201 capacitor can be placed in parallel, as close
as possible to the VIN and PGND pins.
• See CIN1 and CIN2 placement in Figure 3, the rec-
ommended PCB layout.
2. Place the regulator inductor on the same side of the
board as the LTC3302, minimizing parasitic induc-
tance from the VOUT side of the inductor and the COUT
capacitors. The power trace connecting SW to the
inductor should be wide and on PCB metal layer 2,
with as many vias as allowed to minimize added para-
sitic inductance.
3. Solder the PGND pins (Pins 6, 7) directly to a ground
plane on the top layer. Connect the top layer ground
plane to ground plane(s) on lower levels with many



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com