Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC3302
17
Rev. 0
For more information www.analog.com
thermal vias. These layers spread heat dissipated by
the LTC3302.
4. Connect the ground side of any FB and EN compo-
nents to AGND (Pin 11). Connect a 1μF de-coupling
capacitor from AVIN (Pin 12) to AGND. Power the
AVIN pin by connecting a 10Ω filter resistor from the
VIN supply to AVIN.
Connect the AGND pin to the rest of the PCB ground
plane in only one location, to prevent transient cur-
rents in the ground plane from also flowing through the
AGND trace. Optionally, connect the AGND pin to the
negative terminal of the output capacitor at the load.
This reduces any load regulation caused by voltage
drops between the ground at the load and the LTC3302
voltage reference ground. The AGND node carries very
little current and can be a minimal size trace.
5. Care should be taken in the layout of the PCB to ensure
good heat sinking of the LTC3302. The heat generated
internal to the package is concentrated near the power
MOSFETs and mostly flows out of the VIN and PGND
pins to be spread on the PCB.
Connect the PGND pins (Pins 6, 7) to a large metal
area on the top layer. Connect the top layer ground
metal to ground plane(s) on lower levels with many
thermal vias. These layers spread heat dissipated by
the LTC3302. Also, connect the VIN pins (Pins 2, 3) to
a large metal plane with low thermal impedance.
The junction temperature, TJ, is calculated from the
ambient temperature, TA as given by Equation 10.
TJ = TA + (PD • θJA)
(10)
Where θJA is approximately 37.6°C/W to 48.9°C/W,
layout dependent.
Power dissipation within the LTC3302 is estimated by
calculating the total power loss from an efficiency mea-
surement and subtracting the inductor loss.
The LTC3302 evaluation kit PCB has a θJA that is
approximately 37.6°C/W, compared to approximately
48.9°C/W for a JEDEC 2S2P PCB. This is a 25% reduc-
tion in thermal impedance, and an example for how
much a good layout can improve thermal performance.
APPLICATIONS INFORMATION
Figure 3. Recommended PCB Layout
3
4
5
6
2
7
L
VOUT
VOUT
CIN1
CIN2
AGND
VIN
GROUND PLANE ON LAYER 2
GND
(OPT)
RAVIN CAVIN
SENSE
TRACE
SW NODE
ON LAYER 2
3302 F03
COUT2
COUT1
3
4 5
6
2
7
12
1
11 10 9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com